Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS Datasheet(PDF) 46 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 46 Page - ON Semiconductor

Back Button XGS Datasheet HTML 42Page - ON Semiconductor XGS Datasheet HTML 43Page - ON Semiconductor XGS Datasheet HTML 44Page - ON Semiconductor XGS Datasheet HTML 45Page - ON Semiconductor XGS Datasheet HTML 46Page - ON Semiconductor XGS Datasheet HTML 47Page - ON Semiconductor XGS Datasheet HTML 48Page - ON Semiconductor XGS Datasheet HTML 49Page - ON Semiconductor XGS Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
XGS Family
www.onsemi.com
46
IMAGE SENSOR CHARACTERISTICS
ELECTRO−OPTICAL SPECIFICATIONS
An overview of the XGS key electro−optical
specifications can be found in Table 29. Unless otherwise
noted, all measurements were done using the recommended
configuration and default operation mode.
SPECTRAL RESPONSE
Quantum efficiency curves are measured using
a monochromator with step size of 5 nm. The curves for
monochrome and color devices are shown in Figure 57.
Table 29. ELECTRO−OPTICAL SPECIFICATIONS
Parameter
Specification
Quantum Efficiency (Note 21)
63% (monochrome)
60% (color)
Dark Current
85 e− / s (Tj = 60°C)
DSNU
1.76 e− (Tj = 60°C, Tint = 5 ms)
PRNU
0.5%
Shutter Efficiency
1/3600
MTF (@ 530nm)
66.5% (vertical)
67.4% (horizontal)
21.Measured on devices with cover glass (typical transmittance cover glass = 91%).
Figure 57. Quantum Efficiency
0
10
20
30
40
50
60
300
400
500
600
700
800
900
1000
Wavelength [nm]
Mono
Red
Blue
Green1
Green2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com