Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS Datasheet(PDF) 16 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 16 Page - ON Semiconductor

Back Button XGS Datasheet HTML 12Page - ON Semiconductor XGS Datasheet HTML 13Page - ON Semiconductor XGS Datasheet HTML 14Page - ON Semiconductor XGS Datasheet HTML 15Page - ON Semiconductor XGS Datasheet HTML 16Page - ON Semiconductor XGS Datasheet HTML 17Page - ON Semiconductor XGS Datasheet HTML 18Page - ON Semiconductor XGS Datasheet HTML 19Page - ON Semiconductor XGS Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
XGS Family
www.onsemi.com
16
Table 5. PIN DESCRIPTIONS (163−PIN LGA PACKAGE)
Name
Description
Type
LGA Pin Name
DATA_22_N
N14
HiSPi
Differential Data Channel [22], Negative
DATA_22_P
N15
HiSPi
Differential Data Channel [22], Positive
DATA_23_P
N4
HiSPi
Differential Data Channel [23], Positive
DATA_23_N
N5
HiSPi
Differential Data Channel [23], Negative
DATA_21_P
N6
HiSPi
Differential Data Channel [21], Positive
DATA_21_N
N7
HiSPi
Differential Data Channel [21], Negative
VAA_PIX_A0
P10
Decoupling External Noise Decoupling (0.1 mF + 4.7 mF to GND)
VAA_PIX_A1
P11
Decoupling External Noise Decoupling (0.1 mF + 4.7 mF to GND)
VAA_PIX_A2
R10
Decoupling External Noise Decoupling (0.1 mF + 4.7 mF to GND)
VAA_PIX_A3
T11
Decoupling External Noise Decoupling (0.1 mF + 4.7 mF to GND)
VAA_PIX_A4
T12
Decoupling External Noise Decoupling (0.1 mF + 4.7 mF to GND)
VAA_PIX_A5
T6
Decoupling External Noise Decoupling (0.1 mF + 4.7 mF to GND)
VAA_PIX_B0
P8
Decoupling External Noise Decoupling (0.1 mF + 2.2 mF to GND)
VAA_PIX_B1
P9
Decoupling External Noise Decoupling (0.1 mF + 2.2 mF to GND)
VAA_PIX_B2
R8
Decoupling External Noise Decoupling (0.1 mF + 2.2 mF to GND)
VAA_PIX_B3
R9
Decoupling External Noise Decoupling (0.1 mF + 2.2 mF to GND)
VAA_PIX_B4
T7
Decoupling External Noise Decoupling (0.1 mF + 2.2 mF to GND)
VAA_PIX_B5
T8
Decoupling External Noise Decoupling (0.1 mF + 2.2 mF to GND)
VAA_PIX_C0
R11
Decoupling External Noise Decoupling (0.1 mF to GND)
VAA_PIX_C1
T13
Decoupling External Noise Decoupling (0.1 mF to GND)
VAA_PIX_BST
R7, R12
Power
Pixel Booster Supply
RESERVED
P4, P15
N/A
Reserved (do not connect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com