Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9374LF Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 48Page - STMicroelectronics L9374LF Datasheet HTML 49Page - STMicroelectronics L9374LF Datasheet HTML 50Page - STMicroelectronics L9374LF Datasheet HTML 51Page - STMicroelectronics L9374LF Datasheet HTML 52Page - STMicroelectronics L9374LF Datasheet HTML 53Page - STMicroelectronics L9374LF Datasheet HTML 54Page - STMicroelectronics L9374LF Datasheet HTML 55Page - STMicroelectronics L9374LF Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
Circuit description
L9374LF
52/80
DocID025414 Rev 1
Figure 32. SVDT-Timing with SPI-transfer:
SVDT test sequence
1.
Disable Edge Shaping (Command address 2, bits D8 & D7 = ‘10’)
2.
Initiate SVDT (Command address 2; bits D1 & D0 = ‘10’)
3.
Qx switches on at the next sync-signal (sequence of actuation: Q1..Q4)
4.
Because the output is actuated the output current increases.
5.
At time tx, if the output current has exceeded the under current value, IUC, the output is
switched off.
6.
If the over current threshold (IOC) is achieved prior to tx then the output is immediately
disabled and an over current condition is detected.
7.
The output will switch off any time prior to exceeding time, ty, if the undercurrent
threshold, IUC, has been met.
8.
After the output is disabled if the output clamps the voltage to VZ (35V) a Dx_Loss is
detected.
9.
If an Over temperature is not detected then the SDVT test is passed
10. The SVDT will then test at Qx+1 until all 4 outputs have been tested.
Criterion for passing:
no overcurrent
Current value increases and reached undercurrent value within time ty (IQx>IUC) &
(tx<t<ty).
Channels with a freewheeling diode does not have a clamping thus do not report a
Dx_Loss condition
SPI:
no failure at all Output status registers (Status Addresses 1 - 4).
Qx_ON = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com