Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9374LF Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
Circuit description
L9374LF
22/80
DocID025414 Rev 1
4
Circuit description
The L9374LF is a four channel low side driver with integrated recirculation diodes intended
for ABS applications. The device communicates entirely by 16 individual SPI commands. All
outputs can be switched or PWMed. Two outputs have the additional capability of providing
current regulation
It is possible to program two consecutive PWM duty cycles / Current levels at one time.
Individual switched on-times can also be generated.
All outputs have high level diagnostic capabilities. These include off state open load, under
current, shorted load, gate voltage monitoring, thermal warning and shutdown flags. Higher
level diagnostics include a Silent-Valve-Detection-test (SVDT) to verify load and driver
integrity as well as a Built-in-Self-test (BIST) to verify the internal logic integrity. The
L9374LF can detect and report a missing recirculation diode, Ground loss, Clock failure,
and synchronization failure.
4.1
SPI serial peripheral interface
The L9374LF SPI is a fully bidirectional serial interface configured as a SLAVE for
communication between a μC (the MASTER) and the L9374LF. All data management is
handled in 16 sets of SPI registers of 16 bits each. There are 16 input or command registers
and 16 status registers. All output control including current control and PWM / switching
timing is realized internally. The control parameters (Duty Cycle, Duration, and Current
regulation) are programmed via serial communication. The 16 status registers provide a
high level of diagnostic capability from output status to internal control parameter
confirmation.
Figure 10. SPI block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com