Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9374LF Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics L9374LF Datasheet HTML 38Page - STMicroelectronics L9374LF Datasheet HTML 39Page - STMicroelectronics L9374LF Datasheet HTML 40Page - STMicroelectronics L9374LF Datasheet HTML 41Page - STMicroelectronics L9374LF Datasheet HTML 42Page - STMicroelectronics L9374LF Datasheet HTML 43Page - STMicroelectronics L9374LF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
Circuit description
L9374LF
40/80
DocID025414 Rev 1
over-temperature disabling the affected output. Hardware Enable (EN) is an external pin
and is controlled by the
C directly. FSOFF_ALL is a SPI command that provides a method
to shut down all outputs in one SPI command.
4.7.2
Diagnostics
Output stage diagnostics provide fault feedback information for the SPI status registers.
Gate monitoring
Qx_ON and Qx_OFF provide Gate voltage status history information. If the output DMOS
Gate voltage is above the Qx_ON threshold at any point between two SPI cycles the
Qx_ON output will latch on (‘1’) the SPI bit associated with that signal (bit 6 of status
registers 1 - 4). If the output DMOS Gate is below the Qx_OFF threshold at any point
between two SPI cycles the Qx_OFF output will latch on (‘1’) the appropriate SPI bit
associated with that signal (bit 7 of status of status registers 1 - 4). If an output is PWMmed
both Qx_ON and Qx_OFF will return a ‘1’ when read by the SPI. Upon reading status
registers 1 through 4 the Qx_ON and Qx_OFF bits are reset to ‘0’.
Conversely if the Gate voltage remains above or below the thresholds mentioned the status
bits Qx_ON or Qx_OFF will indicate only one state was present. At no time will both bit not
be set.
Freewheeling diode loss detection
Dx_Loss transmits to the SPI register latch a ‘1’ whenever the output protection clamping
structure is used. This notifies the SPI that the freewheeling diode, Dx, was not in the circuit.
According Figure 23 the Device Enable has a direct link to a separate discharge path on the
power gate. Only the high voltage clamp (Dx_loss) gets a higher priority, to protect the
DMOS from high voltage damage if the freewheeling diode is “lost”.
Table 34. Qx_ON and Qx_OFF provide gate voltage status history information
Condition
QX_ON
QX_OFF
duty: 100%
1
0
duty: 0%
0
1
duty: 0% < dc <100%
1
1
defect
0
0
Table 35. Output driver possible input configuration
FSOFF_ALL FSON_EN
ONX
Setpoints
Output Qx
(0=off, 1=on)
Remark
10
x
x
Q = on / PWM
0
like EN pin
10
x
x
Q = off
0
like EN pin
01
0
x
Q = on / PWM
1 or PWM
-
01
0
x
Q = off
0
-
01
x
0
Q = on / PWM
1 or PWM
-
01
x
0
Q = off
0
-
01
1
1
Q = on / PWM
1
Channel switched on without a sync-signal
01
1
1
Q = off
1
Channel switched on without a sync-signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com