Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9374LF Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 68Page - STMicroelectronics L9374LF Datasheet HTML 69Page - STMicroelectronics L9374LF Datasheet HTML 70Page - STMicroelectronics L9374LF Datasheet HTML 71Page - STMicroelectronics L9374LF Datasheet HTML 72Page - STMicroelectronics L9374LF Datasheet HTML 73Page - STMicroelectronics L9374LF Datasheet HTML 74Page - STMicroelectronics L9374LF Datasheet HTML 75Page - STMicroelectronics L9374LF Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
Programmers guide
L9374LF
72/80
DocID025414 Rev 1
5.2.8
Current controller status register (CC-STATUS) (address 12)
Res_CCV Feedback:
Res_CCV show the actual current controller reset state. This is not a copy of the bit
received in the command register 15 (see 5.1.9). The bit combination ‘01’ (reset) can only
read via SPI if the communication runs during a current regulator reset.
RL_SPI feedback
RL_SPI is a copy of the received SPI-values (see 5.1.9: Configuration register 3 (CCV reset
and load resistance values) (address 15)).
MSB
LSB
11000
Res_CCV
RL_SPI
Parit
y
A3
A2
A1
A0
free
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 72. Current controller status register
CC-register
Number of bits
name
Reset current controller values
2 Bit
Res_CCV
RL_SPI
8 Bit
RL_SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com