Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9374LF Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 11Page - STMicroelectronics L9374LF Datasheet HTML 12Page - STMicroelectronics L9374LF Datasheet HTML 13Page - STMicroelectronics L9374LF Datasheet HTML 14Page - STMicroelectronics L9374LF Datasheet HTML 15Page - STMicroelectronics L9374LF Datasheet HTML 16Page - STMicroelectronics L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
DocID025414 Rev 1
15/80
L9374LF
Electrical specifications
79
The slope is defined between 20 % and 80 % of the edge.
Symmetric switching of DMOS
Figure 6. Symmetric switching of DMOS diagram
A Symmetric switching is present to ensure a reliable PWM at the output.
3.3.5
PWM output behavior
(refer to Section 4.4: Set-point controller for details)
Table 9. Output timing electrical characteristics(1)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vedge
Edge shaping threshold
measured from VD
-2.2
-
-1
V
Sf_Q1/Q2
Sf output on/off slope fast Q1/Q2
VD = 20 V
Iload=1.5 A
resistive load
310
17
V/μs
Ss_Q1/Q2 Ss output on/off slope slow Q1/Q2
246
V/μs
Sf_Q3/Q4
Sf output on/off slope fast Q3/Q4
613
20
V/μs
Ss_Q3/Q4 Ss output on/off slope slow Q3/Q4
2.5
5
7.5
V/μs
1. See Figure 5 for waveform.
Table 10. Symmetric switching of DMOS electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tsym1
Symmetry II
with edge shaping
tx-dc · T< 1.5 μs
dc = 50 %
VQ = 10 V
-1.0
-
2.0
μs
tsym2
Symmetry II
without edge shaping
0
-
3.0
μs
Table 11. PWM output behavior characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
f_Qx
Output frequency
-
-2 %
4
+2 %
kHz
DC
Duty range
-
0
-
100
%
DCRES
Duty resolution of f_A
-
-
0.2
-
%
NRES
Number of bits for duty resolution/
target current value
--
9
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com