Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9374LF Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
DocID025414 Rev 1
25/80
L9374LF
Circuit description
79
4.1.4
Address decoder
The address decoder routes incoming data into the appropriate receive buffer and sets up
the appropriate send buffer register to transmit information back to the master (MISO) for
the subsequent SPI communication.
4.1.5
Parity generator
The parity generator completes the output messages with a parity bit. The number of ‘1’s
within an output-transfer has to be odd. Parity is verified prior to the SPICS going high.
4.1.6
Initial MISO information
After initial power on, the first SPI-answer from the L9374LF reflects the Chip-ID
information. Typically, the information will appear as follows:
This information is unique to this device and reflects specific device information relevant
only to ST.
4.1.7
Register map
This is a brief reference to the register locations within the L9374LF. Refer to Section 5:
Programmers guide for a more detailed description of each register.
Command buffer (data in)
A3
A2
A1
A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
1010001110000110
Table 28. Command buffer (data_in)
Address(HEX)
Content
Buffer name
0
Sync-trigger, Reset, and Sync values
SYNC_REG
1
STW min and max values
STW_V
2
Configuration register
CONFIG 1
3
Fast Switch ON gate commands
FSON
4
Duration Registers doe Q1 /Q2
Duration Q1/Q2
5
Duration of current 1 Q3 + duration of current 1 Q4
Duration Q3/Q4
6
Duty cycle 1 Q1
DUTY1_Q1
7
Duty cycle 2 Q1
DUTY2_Q1
8
Duty cycle 1 Q2
DUTY1_Q2
9
Duty cycle 2 Q2
DUTY2_Q2
10
Current/duty cycle1 Q3
CUR/DTY1_Q3
11
Current/duty cycle 2 Q3
CUR/DTY2_Q3
12
Current/duty cycle 1 Q4
CUR/DTY1_Q4
13
Current/duty cycle 2 Q4
CUR/DTY2_Q4
14
Current / PWM controller configuration register 2
CONFIG 2
15
Current / PWM controller configuration register 3
CONFIG 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com