Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9374LF Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 57Page - STMicroelectronics L9374LF Datasheet HTML 58Page - STMicroelectronics L9374LF Datasheet HTML 59Page - STMicroelectronics L9374LF Datasheet HTML 60Page - STMicroelectronics L9374LF Datasheet HTML 61Page - STMicroelectronics L9374LF Datasheet HTML 62Page - STMicroelectronics L9374LF Datasheet HTML 63Page - STMicroelectronics L9374LF Datasheet HTML 64Page - STMicroelectronics L9374LF Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
DocID025414 Rev 1
61/80
L9374LF
Programmers guide
79
5.1.5
Duration registers (address 4 and 5)
The output can be driven in two stages by one SPI transfer, a duty cycle for a duration and
then a second duty cycle. These registers provide the initial duration information. Two
duration values are available in each register.
The duration bit resolution depends on the synchronization timer RESET_VALUE MSB:
5.1.6
Duty cycle register (address 6 to 9)
The value of these registers represent the outputs Q1 and Q2 set point duty cycles. Address
6 and 8 provide the initial duty cycle used during the duration specified in the duration
register (address 4). Addresses 7 and 9 provide the duty cycles used after the duration
specified in address 4 has expired.
MSB
LSB
0100
x
D_Q2
D_Q1
Parit
y
0101
x
D_Q4
D_Q3
Parit
y
A3
A2
A1
A0
free
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 48. Register duration value
Register address
Duration parameter
Number of bits
Bit location
Output
4
D_Q1
5 Bit
D4 - D0
Q1
4
D_Q2
5 Bit
D9 - D5
Q2
5
D_Q3
5 Bit
D4 - D0
Q3
5
D_Q4
5 Bit
D9 - D5
Q4
Table 49. Duration bit resolution
RESET_VALUE MSB (add.0, bit D9)
Resolution of duration
0
250 μs
1
500 μs
MSB
LSB
0110
x
x
DUTY1_Q1
Parit
y
0111
x
x
DUTY2_Q1
Parit
y
1000
x
x
DUTY1_Q2
Parit
y
1001
x
x
DUTY2_Q2
Parit
y
A3
A2
A1
A0
free
free
D8
D7
D6
D5
D4
D3
D2
D1
D0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com