Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9960 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 60Page - STMicroelectronics L9960 Datasheet HTML 61Page - STMicroelectronics L9960 Datasheet HTML 62Page - STMicroelectronics L9960 Datasheet HTML 63Page - STMicroelectronics L9960 Datasheet HTML 64Page - STMicroelectronics L9960 Datasheet HTML 65Page - STMicroelectronics L9960 Datasheet HTML 66Page - STMicroelectronics L9960 Datasheet HTML 67Page - STMicroelectronics L9960 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
Functional description
L9960, L9960T
64/95
DS11115 Rev 10
4.8.3
Global Failure Bit NGFAIL definition
NGFAIL groups the following failures:
Over-current on each of the 4 MOS (Ion threshold not taken into account, validity bit not
taken into account), including the load in short-circuit
Open-load in ON-state
Open-load (or shorts) in OFF-state
HWSC (or BIST) not executed or failing
CC_latch_status
VDD Over-voltage (latched)
VDD Under-voltage (latched)
NOTSD_REG
UV_CNT_REACHED = 1 and UV counter stop
NDIS = 0 (also when forced low externally)
Once all the conditions which determine the assertion of NGFAIL are cleared (failure no
more present and the latched version of the failure bit is cleared), the bit is de-asserted.
In case NGFAIL is flagged because of NOTSD_REG assertion, the flag remains set until a
toggle of DIS pin is performed.
There is no failure considered on Vps undervoltage, despite the bridge goes in OFF-state.
There is no clear of NGFAIL by itself, the reported error itself has to be cleared in order to
clear NGFAIL.
Note:
(-) available in the R4 bit position in SPI answer frame 8a.
Table 76. NGFAIL
Bit status
Description
Condition
0failure
-
1
no failure
default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com