Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9960 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 66Page - STMicroelectronics L9960 Datasheet HTML 67Page - STMicroelectronics L9960 Datasheet HTML 68Page - STMicroelectronics L9960 Datasheet HTML 69Page - STMicroelectronics L9960 Datasheet HTML 70Page - STMicroelectronics L9960 Datasheet HTML 71Page - STMicroelectronics L9960 Datasheet HTML 72Page - STMicroelectronics L9960 Datasheet HTML 73Page - STMicroelectronics L9960 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
Functional description
L9960, L9960T
70/95
DS11115 Rev 10
Figure 30. Open load timing diagram
4.8.6
On-state diagnostics electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
When operating at low duty cycle and high frequency, in case the load current is very small,
it may occur that the toggling VOUT_x stays almost at ground level during passive
freewheeling; this may lead to not fully operating Open Load diagnostic in ON state.
GAPGPS02980
Antiglitch filter
6.4μs
6μs
2.4μs
OL sample point
DRIVE
PASSIVE
FREEWHEELING
ACTIVE FREEWHEELING
ACTIVE
FREEWHEELING
OL_ON_request
PWM
Gate feedback
HS0/ HS1
Bridge
O_ol _on_en
I_ol _on
Table 83. Open Load in ON-state electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Tstable_On
On-state diagnostic filtering
time
Digital filter not re-triggerable
(guaranteed by scan)
468
µs
tOl_On
Anti glitch filter
Digital filter applied on
i_ol_on (guaranteed by
scan)
124
µs
Voutx_SR
Voltage during passive
freewheeling
Passive freewheeling phase
-150
-
-10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com