Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9960 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 36Page - STMicroelectronics L9960 Datasheet HTML 37Page - STMicroelectronics L9960 Datasheet HTML 38Page - STMicroelectronics L9960 Datasheet HTML 39Page - STMicroelectronics L9960 Datasheet HTML 40Page - STMicroelectronics L9960 Datasheet HTML 41Page - STMicroelectronics L9960 Datasheet HTML 42Page - STMicroelectronics L9960 Datasheet HTML 43Page - STMicroelectronics L9960 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
Functional description
L9960, L9960T
40/95
DS11115 Rev 10
Figure 18. 4 cases of high-side/low-side activation (IN1/IN2 mode)
An active freewheeling is automatically set, at the end of the dead time, which means that
the power transistor in parallel to the internal freewheeling diode is switched on during
freewheeling phase.
This should lead to a power dissipation decrease when driving inductive loads.
Warning:
In case of current limitation event in IN1/IN2 mode, the
freewheeling is automatically set back to LS drivers.
It is advised against selecting the HS recirculation in IN1/IN2
mode as L9960 is not safely protected against external failures
(i.e SCG).
For IN1/IN2 mode it is advised to recirculate (active
freewheeling) on low-side drivers only.
For PWM mode the recirculation is set by design on LS
drivers only.
VPS
M
VPS
VPS
T
T3
Forward, T1 and T4 active
IN1 = 1 , IN2 = 0
T1
M
T3
T1
T4
T2
T4
T2
LS Freewheeling via T3 to T4
IN1 = 0 , IN2 = 0
T3
T1
M
T2
T4
HS Freewheeling via T2 to T1
IN1 = 1 , IN2 = 1
3
T1
Reverse , T2 and T3 active
IN1 = 0 , IN2 =1
VPS
M
T4
T2
GAPGPS02335
Note: Please refer to warning message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com