Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 41Page - STMicroelectronics SPSB081 Datasheet HTML 42Page - STMicroelectronics SPSB081 Datasheet HTML 43Page - STMicroelectronics SPSB081 Datasheet HTML 44Page - STMicroelectronics SPSB081 Datasheet HTML 45Page - STMicroelectronics SPSB081 Datasheet HTML 46Page - STMicroelectronics SPSB081 Datasheet HTML 47Page - STMicroelectronics SPSB081 Datasheet HTML 48Page - STMicroelectronics SPSB081 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 135 page
background image
4.2.2.4
Data-in payload
The Payload (data byte 1 to data byte 3) is the data transferred to the device with every SPI communication. The
Payload always follows the OpCode and the address bits.
For write access the Payload represents the new data written to the addressed register. For read & clear
operations the Payload defines which bits of the addressed status register is cleared. In case of a ‘1’ at the
corresponding bit position the bit will be cleared.
For a read operation, the Payload is not used. For functional safety reasons it is recommended to set unused
Payload to ‘0’.
4.2.2.5
SDO frame
The data-out frame consists of 32 bits (GSB + data byte 1 to 3).
The first eight transmitted bits contain device related status information and are latched into the shift register at
the time of the communication start. These 8 bits are transmitted at every SPI transaction.
The subsequent bytes contain the payload data and are latched into the shift register with the eighth positive SCK
edge.
This could lead to an inconsistency of data between the GSB and Payload due to different shift register load
times. Anyhow, no unwanted status register clear should appear, as status information should just be cleared with
a dedicated bit clear after.
Figure 29. SDO frame
4.2.2.6
Global status byte (GSB)
The bits (Bit0 to Bit4) represent a logical OR combination of bits located in the status registers. Therefore, no
direct read & clear can be performed on these bits inside the GSB.
Table 14. Global status byte
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
GSBN
RSTB
SPIE
PLE
FE
DE
GW
FS
Global status bit not (GSBN)
The GSBN is a logically NOR combination of bit 24 to bit 30. This bit can also be used as global status flag
without starting a complete communication frame as it is present directly after pulling CSN low.
Reset bit (RSTB)
The RSTB indicates a device reset. In case this bit is set, specific internal control registers are set to default and
kept in that state until the bit is cleared.
SPSB081
Signal description
DS14048 - Rev 1
page 45/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com