Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics SPSB081 Datasheet HTML 12Page - STMicroelectronics SPSB081 Datasheet HTML 13Page - STMicroelectronics SPSB081 Datasheet HTML 14Page - STMicroelectronics SPSB081 Datasheet HTML 15Page - STMicroelectronics SPSB081 Datasheet HTML 16Page - STMicroelectronics SPSB081 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 135 page
background image
3.2.2
Voltage regulator: V2
The SPSB081 embeds one 5 V or 3V3 (configurable by V2_RAIL bit in CR2) low dropout tracking regulator
designed to provide an output voltage that closely tracks (±20 mV) the V1 reference input while delivering on the
V2 output pin up to 100 mA. The voltage regulator V2 can be configured by means of the V2_TKR bit in CR2 as a
linear independent LDO (V2_TKR=0, default) or as a tracker of the V1 voltage regulator (V2_TKR=1).
The V2 can be configured as tracker of the V1 only at the same voltage output level 5 V for SPSB0815 and
SPSB081C5 (Conf #4 in Table 6) and 3.3 V for the SPSB0813 and SPSB081C3 (Conf #1 in Table 6). The tracking
regulator is protected against:
overload
overtemperature
short-circuit (short to ground and battery supply voltage)
reverse biasing
3.2.3
Voltage regulator failure
The V1 and V2 regulators output voltages are monitored.
In case of a drop below the V1, V2 fail thresholds (V1,2 < V1,2fail, for t > tV1,2fail), the failure bits V1FAIL, V2FAIL
(SR 2) are latched. The fail bits can be cleared by a dedicated SPI command.
3.2.4
Short to ground detection
At turn-on of the V1 and V2 regulators, a short to GND condition is detected by monitoring the regulator output
voltage.
If V1 or V2 is below the V1fail,(V2fail) thresholds for t>tv1short (t>tV2short) after turn-on, the SPSB081 will identify a
short-circuit condition at the related regulator output and the regulator will be switched off.
In case of V1 short to GND the device enters VBAT_standby mode automatically.
Bits FORCED_SLEEP_TSD2/V1SC (SR1) and V1FAIL (SR2) are set.
In case of a V2 short to GND failure the V2SC (SR2) and V2FAIL (SR2) bits are set.
Once the output voltage of the corresponding regulator exceeds the V1fail (V2fail) thresholds the short-to-ground
detection is disabled. In case of a short-to-ground condition, the regulator is switched off due to thermal
shutdown.
SPSB081
Voltage regulators
DS14048 - Rev 1
page 13/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com