Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 70Page - STMicroelectronics SPSB081 Datasheet HTML 71Page - STMicroelectronics SPSB081 Datasheet HTML 72Page - STMicroelectronics SPSB081 Datasheet HTML 73Page - STMicroelectronics SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics SPSB081 Datasheet HTML 76Page - STMicroelectronics SPSB081 Datasheet HTML 77Page - STMicroelectronics SPSB081 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
tRXpd_sym
Symmetry of
receiver
propagation
delay time
(rising vs.
falling edge)
tRXpd_sym=tRXpdr-tRXpdf;
VSREG=12 V;
Rbus = 1 kΩ, Cbus = 1 nF;
CRXD=20 pF
-2
2
μs
E.097
D1
Duty cycle 1
THRec(max)=0.744*VSREG; THDom(max)=0.581*VSREG;
VSREG=7 ... 18V, tbit= 50us;
D1=tbus_rec(min)/(2xtbit);
Rbus = 1 kΩ, Cbus = 1nF;
Rbus = 660 Ω, Cbus = 6.8 nF;
Rbus = 500 Ω, Cbus = 10 nF
0.396
E.098
D2
Duty cycle 2
THRec(min)=0.422*VSREG; THDom(min)= 0.284*VSREG;
VSREG=7.6...18 V, tbit= 50us;
D2=tbus_rec(max)/(2xtbit);
Rbus = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF;
Rbus = 500 Ω, Cbus = 10 nF
0.581
E.099
D3
Duty cycle 3
THRec(max)=0.778*VSREG;
THDom(max)=0.616*VSREG;VSREG=7 ... 18 V, tbit= 96 us;
D3=tbus_rec(min)/(2xtbit);
Rbus = 1 kΩ, Cbus = 1nF;
Rbus = 660 Ω, Cbus = 6.8 nF;
Rbus = 500 Ω, Cbus = 10 nF
0.417
E.100
D4
Duty cycle 4
THRec(min)=0.389*VSREG; THDom(min)=0.251*VSREG;
VSREG=7.6 ... 18 V, tbit=96 us;
D4=tbus_rec(max)/(2xtbit);
Rbus = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF;
Rbus = 500 Ω, Cbus = 10 nF
0.590
E.101
tdom(TXDL)
TXDL dominant
time-out
Tested by scan
12
ms E.102
tLIN
LIN permanent
recessive time-
out
Tested by scan
40
μs
E.103
Tdom(bus)
LIN Bus
permanent
dominant time-
out
Tested by scan
12
ms E.104
SPSB081
LIN transceiver (only for SPSB0815 & SPSB0813)
DS14048 - Rev 1
page 74/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com