| Electronic Components Datasheet Search |
|
SPSB081 Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 135 page ![]() • All outputs and V2 are turned off • All control registers are set to default values • Write operations to control registers are blocked until the fail-safe condition is cleared (see table below). Only the following bits are not write-protected: – CR1 (0x01): ◦ TRIG ◦ CAN_ACT – CR2 (0x02): ◦ Timer settings (bits 8…13 and bits 16…21) – CR5 (0x05): ◦ OUT1_x (bits 0…2) ◦ OUT2_x (bits 4…6) ◦ OUT3_x (bits 8…10) ◦ OUT4_x (bits 12…14) – CR9 (0x09) to CR11 (0x0B) ◦ PWM frequency and duty cycles – Config register (0x3F) ◦ V2_0 ◦ V2_1 • LIN transmitter remains on • CAN FD transceiver remains on • Wake-up is enabled • Corresponding failure bits in status registers are set. • FS bit (bit 0 global status byte) is set If the fail-safe mode was entered, it keeps active until the fail-safe condition is removed and the fail-safe was read by SPI. Depending on the root cause of the fail-safe operation, the actions to exit fail-safe mode are as shown in the following table. Table 9. Temporary failures conditions Failure source Failure condition Diagnosis Exit from fail-safe mode Microcontroller (oscillator) Watchdog Early write failure or expired window FS (global status byte) =1 WDFAIL (SR1) =1 WDFAIL_CNT_x (SR1) = n+1 TRIG=1 during long open window Read&Clear SR1 V1 undervoltage FS (global status byte) =1 V1UV (SR1)=1 (1) V1FAIL (SR2)=1 (2) V1 > VRTx Read&Clear SR1 Temperature Tj > TSD2 FS (global status byte) =1 TW (SR2) =1 TSD1 (SR1) =1 TSD2 (SR1) =1 Tj < TSD2 Read&Clear SR1 1. bit V1UV in SR1 is set for t > tuv1 (16 µs). Fail-Safe bit GSR/FS is set only after trd (NRESET low pulse). 2. If V1 < V1fail (for t > tv1fail). The fail-safe bit is located in the global status register. 3.7.2 Non recoverable failures –Forced in VBAT_standby mode If the fail-safe condition persists and all attempts to return to normal system operation fail, the SPSB081 is forced into VBAT_standby mode to prevent damage to the system. The VBAT_standby mode can be terminated by any wake-up source. The root cause of the VBAT_standby is indicated in the SPI status registers. In VBAT_standby mode, all control registers are set to power on default. The VBAT_standby mode is entered in case of: SPSB081 Fail safe mode DS14048 - Rev 1 page 23/135 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |