Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 33Page - STMicroelectronics SPSB081 Datasheet HTML 34Page - STMicroelectronics SPSB081 Datasheet HTML 35Page - STMicroelectronics SPSB081 Datasheet HTML 36Page - STMicroelectronics SPSB081 Datasheet HTML 37Page - STMicroelectronics SPSB081 Datasheet HTML 38Page - STMicroelectronics SPSB081 Datasheet HTML 39Page - STMicroelectronics SPSB081 Datasheet HTML 40Page - STMicroelectronics SPSB081 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 135 page
background image
All high side outputs switch off in case of:
•
VS overvoltage and undervoltage (depending on configuration, see Section 3.13 Power supply fail)
•
Overcurrent (only the impacted high-side)
•
Overtemperature (TSD1)
•
Fail-Safe event
•
Loss of ground at SGND pin
In the case of overcurrent or overtemperature (TSD1 (SR1)) condition, the drivers will switch off. The related
status bit is latched and can be read and optionally cleared by SPI. The drivers remain off until the status is
cleared.
In case of overvoltage and undervoltage conditions, the drivers are switched off. The relative status bit is latched
and can be read and optionally cleared by SPI. If the VS_LOCK_EN bit is set to ‘1’, the drivers remain off
until the status is cleared. If the VS_LOCK_EN bit is set to ‘0’, the drivers switch on automatically if the error
condition disappears. Under-voltage and over-voltage shutdown can be disabled by setting < VS_UV_SD_EN >
respectively < VS_OV_SD_EN > to ‘0’. In case of open load condition, the appropriate status register (in SR4) is
set. The status can be read and optionally cleared by SPI. The high side outputs are not switched off in case of
open load condition.
Note:
The maximum voltage and current applied to the high-side outputs are specified in the ‘absolute maximum
ratings’. Appropriate external protection may be required in order to respect these limits under application
conditions.
Each of the standalone high-side driver outputs OUT1..4 can be also driven either with an internal generated
PWM signal or with an internal timer. OUT1..4 can be also directly driven with DIR/WU2 pin.
3.16
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load current is below
the open- load detection threshold (IOLDx) for at least tFOL the corresponding open-load bit is set in the status
register.
3.17
Overcurrent detection
In the case of an overcurrent condition, a status flag is set in the corresponding status register. If the overcurrent
signal is valid for at least tBLK, the overcurrent flag is set and the corresponding driver switches off to reduce the
power dissipation and to protect the integrated circuit. If the overcurrent recovery bit of the output is cleared, the
microcontroller has to clear the status bits to reactivate the corresponding driver.
3.18
Current monitor
The current monitor sources a current image of the power stage output current at the current monitor pin, which
has fixed ratio (ICMr see Table 34. Watchdog) of the instantaneous current of the selected high-side driver. The
signal at output CM is blanked after switching on the driver until correct settlement of the circuitry. The bits
CM_SEL_x (CR6) define which of the outputs is multiplexed to the current monitor output CM. The current
monitor output allows a more precise analysis of the actual state of the load rather than the detection of an open
or overload condition. The current monitor output is enabled after the current-monitor blanking time, when the
selected output is switched on. If this output is off, the current monitor output is in high-impedance mode. The
current monitor can be turned on or off by selecting the corresponding setting for the CM on / off bit.
3.19
Constant current mode
For the OUT1, OUT2, OUT3, and OUT4 high-side drivers, it is available the CCM (constant current mode)
feature, which is conceived to provide a constant current to the related output. The CCM feature is configurable
via SPI, by setting the OUTx_CCM_EN bit (x = 1, 2, 3,4) in CR20; these bits can be set only if the related driver
is in OFF state and when the CCM is enabled, the overcurrent and short circuit detection of the related output is
switched OFF while its open load detection is always ON.
The CCM is automatically disabled after an expiration time tCCMtimeout.
The allowed sequences are:
•
Set OUTx_CCM_EN bit, then turn ON the related driver by SPI (the other configurations of the OUTx_y in
CR5 are ignored): driver starts in CCM for tCCMtimeout, then it switches to ON mode and the OUTx_CCM_EN
bit is automatically cleared;
SPSB081
Open-load detection
DS14048 - Rev 1
page 37/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com