Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 21Page - STMicroelectronics SPSB081 Datasheet HTML 22Page - STMicroelectronics SPSB081 Datasheet HTML 23Page - STMicroelectronics SPSB081 Datasheet HTML 24Page - STMicroelectronics SPSB081 Datasheet HTML 25Page - STMicroelectronics SPSB081 Datasheet HTML 26Page - STMicroelectronics SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 135 page
background image
•
Watchdog failure
•
Turn-on of the V1 regulator (VSREG power-on or wake-up from VBAT_standby mode)
3.9
DIAGN output
Figure 15. DIAGN pin
Data in
110 kΩ
Data out
GAPG1609151103CFT
DIAGN pin can be directly connected to the microcontroller and it is pulled up to V1 voltage by internal pull-up
resistor.
DIAGN pin can be configured by DIAGN_EXT bit in normal mode or extended mode.
In default DIAGN configuration (DIAGN_EXT =0), DIAGN pin is set low if a failure considered in fail safe mode
occurs (for example, watchdog failure; V1 failure; thermal shutdown TSD2).
As soon as the FS error source is cleared, the signal is pulled up to V1 voltage.
In extended DIAGN configuration (DIAGN_EXT =1), DIAGN pin reflects one or more errors such as reported in
the GLOBAL STATUS BYTE register by global status bit not (GSBN) and it is set to low if at least one error
condition occurs.
A bit register is available to mask each one of GSBN flags:
•
RSTB: MASK_RSTB (0x3F)
•
PLE: MASK_PLE (0x3F)
•
FE: MASK_FE (0x3F)
•
DE: MASK_DE (0x3F)
•
GW: MASK_GW (0x3F)
Note:
DIAGN is automatically configured in normal mode (DIAGN_EXT =0) after a reset event.
3.10
V1 overvoltage detection
SPSB081 protects the MCU against voltages over 5 V (or 3V3) that could harm its functionalities. For this
purpose, to sink the exceeding current accumulated in the external capacitor usually directed to the MCU, the
SPSB081 uses an internal pulldown circuit, where output current flows through the pulldown resistor to ground.
If the bit V1_OVP=1 in CR2 the overvoltage protection circuits is enabled. If V1_OVP =0 there is no overvoltage
protection anymore.
SPSB081
DIAGN output
DS14048 - Rev 1
page 25/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com