Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 12Page - STMicroelectronics SPSB081 Datasheet HTML 13Page - STMicroelectronics SPSB081 Datasheet HTML 14Page - STMicroelectronics SPSB081 Datasheet HTML 15Page - STMicroelectronics SPSB081 Datasheet HTML 16Page - STMicroelectronics SPSB081 Datasheet HTML 17Page - STMicroelectronics SPSB081 Datasheet HTML 18Page - STMicroelectronics SPSB081 Datasheet HTML 19Page - STMicroelectronics SPSB081 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 135 page
background image
Figure 7. Interrupt pin
Digital
logic
GND
V1
Data Out
Data In
GND
ESD prot
110KΩ
GAPG1609151103CFT
3.3.5
VBAT_standby mode
The transition from active mode to VBAT_standby mode is initiated by an SPI command (STBY_SEL bit and
GO_STBY bit in CR2).
In VBAT_standby mode, the voltage regulators V1 and V2, the power outputs as well as LIN and CAN
transmitters are switched off.
An NReset pulse is generated and last asserted low upon wake-up from VBAT_standby mode and until 2ms after
LDO1 is fully operative.
3.4
Wake-up from standby modes
A wake-up from standby mode switches the device to active mode. This can be initiated by one or more of the
following events:
Table 7. Wake-up source
Wake-up source
Description
LIN bus activity
It can be disabled by SPI
CAN bus activity
It can be disabled by SPI
Level change of WU
It can be configured or disabled by SPI
IV1 > Icmp
The device remains in V1_standby mode but watchdog is enabled (if ICMP = 0).
No interrupt is generated.
Timer interrupt /
Wake-up of μC by TIMER
Programmable by SPI:
- V1_standby mode:
device wakes up and interrupt signal is generated at NINT when
programmable time-out has elapsed
- VBAT_standby mode: device wakes up after programmable timer expiration. V1 regulator
is turned on and NReset signal is generated when programmable time-out has elapsed
SPI access
Always active (except in VBAT_standby mode)
Wake-up event: CSN falling edge
To prevent the system from a deadlock condition (no wake-up from standby possible) a configuration where all
wake-up is disabled, is not allowed.
Accordingly, if the following condition is set by SPI:
•
CAN_WU_EN = 0
•
LIN_WU_EN = 0
•
WU1_EN = 0
•
WU2_EN = 0
The effect is to put all these register bits in their default condition:
•
CAN_WU_EN = 1
SPSB081
Wake-up from standby modes
DS14048 - Rev 1
page 16/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com