Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 16Page - STMicroelectronics SPSB081 Datasheet HTML 17Page - STMicroelectronics SPSB081 Datasheet HTML 18Page - STMicroelectronics SPSB081 Datasheet HTML 19Page - STMicroelectronics SPSB081 Datasheet HTML 20Page - STMicroelectronics SPSB081 Datasheet HTML 21Page - STMicroelectronics SPSB081 Datasheet HTML 22Page - STMicroelectronics SPSB081 Datasheet HTML 23Page - STMicroelectronics SPSB081 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 135 page
background image
Figure 10. Main operating modes
3.6
Configurable window watchdog
During normal operation, the watchdog monitors the microcontroller within a programmable trigger cycle.
After power-on or standby mode, the watchdog starts with a timeout (long open window tLW). The timeout allows
the microcontroller to run its own setup and then to start the window watchdog by setting TRIG=1. Later, the
microcontroller has to serve the watchdog by alternating the watchdog trigger bit within the safe trigger area Tswx.
The trigger time is configurable by SPI.
A correct watchdog trigger signal will immediately start the next cycle.
After eight watchdog failures in sequence, the V1 regulator is switched off for tv1off. After seven additional
watchdog failures the V1 regulator is turned off permanently and the device is forced into VBAT_standby mode.
The status bit FORCED_SLEEP_WD (SR1) is set. A wake-up is possible by any activated wake-up source.
In case of a watchdog failure, the power outputs and V2 are switched off and the device enters fail-safe mode. All
control registers are set to their fail-safe values.
The following diagrams illustrate the watchdog behavior of the device. The diagrams are split into 3 parts. The
first diagram shows the functional behavior of the watchdog without any error. The second diagram covers the
behavior covering all the error conditions, which can affect the watchdog behavior. The third diagram shows the
transition in and out of debug mode. All three diagrams can be overlapped to get all the possible state transitions
under all circumstances. For a better readability, they were split in normal operating, operating with errors and
debug mode.
SPSB081
Configurable window watchdog
DS14048 - Rev 1
page 20/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com