Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 47 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 40Page - STMicroelectronics VNH7040AY Datasheet HTML 41Page - STMicroelectronics VNH7040AY Datasheet HTML 42Page - STMicroelectronics VNH7040AY Datasheet HTML 43Page - STMicroelectronics VNH7040AY Datasheet HTML 44Page - STMicroelectronics VNH7040AY Datasheet HTML 45Page - STMicroelectronics VNH7040AY Datasheet HTML 46Page - STMicroelectronics VNH7040AY Datasheet HTML 47Page - STMicroelectronics VNH7040AY Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
DocID028118 Rev 5
47/48
VNH7040AY
Revision history
47
12
Revision history
Table 20. Document revision history
Date
Revision
Description of changes
06-Nov-2015
1
Initial release.
21-Dec-2015
2
Table 11: MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C):
–ISENSE0: updated test conditions
23-Feb-2016
3
Table 9: Switching (VCC = 13 V; RLOAD = 2.6 Ω):
–tcross: updated values
Table 10: Protections and diagnostics (7 V < VCC < 18 V; -40 °C < Tj < 150 °C):
–tDSTKON: updated values
Table 11: MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C):
–ISENSE0, VSENSE_TC: updated values
13-Dec-2016
4
Table 5: Absolute maximum ratings:
–IR: updated value
Table 6: Thermal data:
–Rthj-case and Rthj-amb: updated values
Table 7: Power section:
– Added new test conditions for: RONHS, RONLS
Table 10: Protections and diagnostics (7 V < VCC < 18 V; -40 °C < Tj < 150 °C):
– Added new test condition for: ILIM_HSD
Table 11: MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C):
– Added new parameter TD_AtoB
Added: Chapter 2.4: Waveforms, Chapter 3: Protections, Chapter 4: Typical
application schematic, Chapter 5: MultiSense operation, Chapter 6: Reverse
battery protection, Chapter 7: Open Load detection in off-state, Chapter 8:
Immunity against transient electrical disturbances, Chapter 9: Package and PCB
thermal data.
Minor text changes.
10-May-2017
5
Updated:
– Document status promoted from preliminary data to production data
– Features added ‘AEC-Q100 qualified’
– Description
– Table 5: Absolute maximum ratings
– Table 7: Power section
– Table 9: Switching (VCC = 13 V; RLOAD = 2.6 Ω)
– Table 10: Protections and diagnostics (7 V < VCC < 18 V; -40 °C < Tj < 150 °C)
– Table 11: MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C)
– Section 3.3: Current limitation and over current detector
– Section 7: Open Load detection in off-state
– Figure 13 and add note, Figure 16 and add note, Figure 21, Figure 22 and
Figure 23
Added Table 16 and Section 9.2: Thermal Characterization during transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com