Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 25 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 21Page - STMicroelectronics VNH7040AY Datasheet HTML 22Page - STMicroelectronics VNH7040AY Datasheet HTML 23Page - STMicroelectronics VNH7040AY Datasheet HTML 24Page - STMicroelectronics VNH7040AY Datasheet HTML 25Page - STMicroelectronics VNH7040AY Datasheet HTML 26Page - STMicroelectronics VNH7040AY Datasheet HTML 27Page - STMicroelectronics VNH7040AY Datasheet HTML 28Page - STMicroelectronics VNH7040AY Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
DocID028118 Rev 5
25/48
VNH7040AY
Electrical specifications
47
Table 14. Off-state — truth table
Description
Off-state diagnostic
00
10
0
X
1
VSENSEH
Case 1: OUTA shorted to VCC if no pull-up is
applied.
Case 2: NO open-load in full bridge configuration
with an external pull-up on OUTB
Case 3: open-load in half bridge configuration with
an external pull-up on OUTA (motor connected
between Out and Ground)
X
1
Hi-Z
Case 1: open-load in full Bridge configuration with
an external pull-up on OUTB
Case 2: NO open-load in half Bridge configuration
with external pull-up on OUTA (motor connected
between Out and Ground)
0(1)(2) 0(1)(2)
X
1VSENSEH
Case 1: OUTB shorted to VCC if no pull-up is
applied
Case 2: NO open-load in full bridge configuration
with external pull-up on OUTA
Case 3: open-load in half bridge configuration with
external pull-up on OUTB (motor connected between
Out and Ground)
X
1
Hi-Z
Case1: open-load in full Bridge configuration with
an external pull-up on OUTA
Case 2. NO open-load in half Bridge configuration
with external pull-up on OUTB (motor connected
between Out and Ground)
1. The device enters standby mode after TD_sdby.
2. To power on the device from standby, it is recommended to: toggle INA or INB or SEL0 or SEL1 from 0 to 1 first to come
out from STBY mode; toggle PWM from 0 to 1 with a delay of 20 μs this avoids any overstress on the device in case of
existing short-to-battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com