Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 17 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 13Page - STMicroelectronics VNH7040AY Datasheet HTML 14Page - STMicroelectronics VNH7040AY Datasheet HTML 15Page - STMicroelectronics VNH7040AY Datasheet HTML 16Page - STMicroelectronics VNH7040AY Datasheet HTML 17Page - STMicroelectronics VNH7040AY Datasheet HTML 18Page - STMicroelectronics VNH7040AY Datasheet HTML 19Page - STMicroelectronics VNH7040AY Datasheet HTML 20Page - STMicroelectronics VNH7040AY Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DocID028118 Rev 5
17/48
VNH7040AY
Electrical specifications
47
ISENSE0
MultiSense leakage
current
INA = INB = PWM = 0 V;
SEL0 = SEL0 = SEn = 0 V; Tj = -
40 °C to 150°C (standby)
0
0.5
μA
SEn = 5 V; INA = INB = 5 V;
PWM = 0 V; legX diagnostic
selected; IOUTx = 0 A
E.g.
– LegA: SEL0 = 5 V; SEL1 = 0 V;
IOUTA = 0 A; IOUTB = 5 A
– LegB: SEL0 = 0 V; SEL1 = 0 V;
IOUTA = 5 A; IOUTB = 0 V
05
μA
SEn = 5 V; PWM = 0 V; legX
diagnostic selected; HSx OFF
E.g.:
– LegA: SEL0 = 5 V; SEL1 = 0 V;
INA = 0 V; INB = 5 V; IOUTB = 5 A
– LegB: SEL0 = 0 V; SEL1 = 0 V;
INA = 5 V; INB = 0 V; IOUTA = 5 A
05
μA
VSENSEH
MultiSense output
voltage in fault
condition
VCC = 13 V; RSENSE = 1 kΩ;
VSEn = 5 V
– E.g: OUTA in open-load;
VINA = 0 V; VSEL0 = 5 V;
VSEL1 = 0 V; IOUTA = 0 A;
VOUTA = 4 V
57
V
VOUT_MSD(1)
Output Voltage for
MultiSense shutdown
VINA = 5 V; VINB = 0 V; VSEn = 5 V;
VSEL0 = 5 V; VSEL1 = 0 V;
RSENSE = 2.7 kIOUTx = 5 A
5V
VSENSE_SAT
MultiSense saturation
voltage
VCC = 7 V; VSEn = 5 V;
RSENSE = 10 kΩ; VINA = 5 V;
VINB = 0 V; IOUTA = 10 A;
VSEL0 = 5 V; VSEL1 = 0 V;
Tj = 150 °C
5V
ISENSE_SAT(1)
MultiSense saturation
current
VCC = 13 V; VSENSE = 4 V;
VSEn = 5 V; VINA = 5 V; VINB = 0 V;
VSEL0 = 5 V; VSEL1 = 0 V;
Tj = 150°C
4mA
IOUT_SAT(1)
Output saturation
current
VCC = 13 V; VSENSE = 4 V;
VSEn = 5 V; VINA = 5 V; VINB = 0 V;
VSEL0 = 5 V; VSEL1 = 0 V;
Tj = 150°C
20
A
ISENSEH
MultiSense current in
fault condition
VCC = 13 V; VSENSE = VSENSEH
15
20
30
mA
Table 11. MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com