Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 33 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 29Page - STMicroelectronics VNH7040AY Datasheet HTML 30Page - STMicroelectronics VNH7040AY Datasheet HTML 31Page - STMicroelectronics VNH7040AY Datasheet HTML 32Page - STMicroelectronics VNH7040AY Datasheet HTML 33Page - STMicroelectronics VNH7040AY Datasheet HTML 34Page - STMicroelectronics VNH7040AY Datasheet HTML 35Page - STMicroelectronics VNH7040AY Datasheet HTML 36Page - STMicroelectronics VNH7040AY Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
DocID028118 Rev 5
33/48
VNH7040AY
Open Load detection in off-state
47
7
Open Load detection in off-state
The Open Load (OL) detection in off-state operates when output is deactivated (it means
INA = INB = PWM = 0). Open load detection is performed by reading the MultiSense output.
External (switched) pull-up resistor has to be used and dimensioned to pull output voltage
above the maximum open load detection voltage (VOL MAX) when load is not connected.
Possible conditions are specified in Table 14.
If pull up resistor is applied over switched circuitry, it allows to detect short to VCC from
Open load.
Depending on application setup, two cases can be applied:
Half-bridge, with separate loads on OUTA and OUTB, open-load pull-up resistor RPU is
applied for each side; see example in the figure below.
Figure 19. Open load detection in off-state - configuration two half-bridges
if the device is used in half bridge configuration, the RPU value has to be:
Rpull_up
VBATTmin VOLmax
–
ILoff2
min @VOLmax

-------------------------------------------------------
Full bridge (load connected between OUTA and OUTB), only one pull-up resistor RPU
is sufficient; see example in the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com