Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 16 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 12Page - STMicroelectronics VNH7040AY Datasheet HTML 13Page - STMicroelectronics VNH7040AY Datasheet HTML 14Page - STMicroelectronics VNH7040AY Datasheet HTML 15Page - STMicroelectronics VNH7040AY Datasheet HTML 16Page - STMicroelectronics VNH7040AY Datasheet HTML 17Page - STMicroelectronics VNH7040AY Datasheet HTML 18Page - STMicroelectronics VNH7040AY Datasheet HTML 19Page - STMicroelectronics VNH7040AY Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Electrical specifications
VNH7040AY
16/48
DocID028118 Rev 5
Table 11. MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSENSE_CL
MultiSense clamp
voltage
VSEn = 0 V; ISENSE = -1 mA
7
V
VSEn = 0 V; ISENSE = 1 mA
-17
-12
V
KOL
IOUT/ISENSE
IOUTx = 0.05 A; VSENSE = 0.5 V
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
1609
5365
9120
K0
IOUT/ISENSE
IOUTx = 0.3 A; VSENSE = 0.5V;
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
2898
4794
6762
K1
IOUT/ISENSE
IOUTx = 3 A; VSENSE = 4 V
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
3470
4450
5430
K2
IOUT/ISENSE
IOUTx = 5 A; VSENSE = 4 V;
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
3870
4450
5030
K3
IOUT/ISENSE
IOUTx = 10 A; VSENSE = 4 V
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
3990
4436
4880
dKOL/KOL(1)
Analog sense current
drift
IOUTx = 0.05 A; VSENSE = 0.5 V
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
-30
30
%
dK0/K0(1)
Analog sense current
drift
IOUTx = 0.3 A; VSENSE = 0.5 V
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
-20
20
%
dK1/K1(1)
Analog sense current
drift
IOUTx = 3 A; VSENSE = 4 V;
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
-10
10
%
dK2/K2(1)
Analog sense current
drift
IOUTx = 5 A; VSENSE = 4 V;
VSENSE_EN = 5 V;
Tj = -40 °C to 150°C
-6
6
%
dK3/K3(1)
Analog sense current
drift
IOUTx = 10 A; VSENSE = 4 V;
VSENSE_EN = 5 V;
Tj = -40 °C to 150 °C
-5
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com