Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 28 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 24Page - STMicroelectronics VNH7040AY Datasheet HTML 25Page - STMicroelectronics VNH7040AY Datasheet HTML 26Page - STMicroelectronics VNH7040AY Datasheet HTML 27Page - STMicroelectronics VNH7040AY Datasheet HTML 28Page - STMicroelectronics VNH7040AY Datasheet HTML 29Page - STMicroelectronics VNH7040AY Datasheet HTML 30Page - STMicroelectronics VNH7040AY Datasheet HTML 31Page - STMicroelectronics VNH7040AY Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Protections
VNH7040AY
28/48
DocID028118 Rev 5
3
Protections
3.1
Power limitation (high side driver)
The basic working principle of this protection consists of an indirect measurement of the
junction temperature swing ΔTj through the direct measurement of the spatial temperature
gradient on the device surface in order to automatically shut off the output MOSFET as soon
as ΔTj exceeds the safety level of ΔTj_SD. According to the voltage level on the MultiSense
pin, the output MOSFET switches on and cycles with a thermal hysteresis according to the
maximum instantaneous power. The protection prevents fast thermal transient effects and,
consequently, reduces thermo-mechanical fatigue. When Power Limitation is reached, The
device enters in latch mode and generates the Fault Flag on Multisense=VsenseH when the
faulty leg diagnostic is selected (please refer to Table 13).
3.2
Thermal shutdown (high side and low side)
In case the junction temperature of the device exceeds the maximum allowed threshold
(typically 175 °C), it automatically switches off and the diagnostic indication is triggered on
MultiSense (please refer to Table 13). The device switches on again as soon as its junction
temperature drops to TR.
3.3
Current limitation and over current detector
The device is equipped with an output current limiter in order to protect the silicon as well as
the other components of the system (e.g. bonding wires, wiring harness, connectors, loads,
etc.) from excessive current flow. High side current limitation: in case of short-circuit,
overload or during load power-up, the output current is clamped to a safety level, ILIM_HSD,
by operating the output power MOSFET in the active region.
Low side overcurrent detector: this protection senses the current flowing in the low side. If
the current exceeds a safety level ISD_LS, the device will switch off after a filtering time
tsd_ld.
In case of fault conditions caused by Power Limitation or overtemperature or open
load/short to VCC in OFF state, the fault is indicated by the MultiSense pin being internally
switched to a “current limited” voltage source pulled to level VSENSEH (please refer to
Table 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com