Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 8Page - STMicroelectronics VNH7040AY Datasheet HTML 9Page - STMicroelectronics VNH7040AY Datasheet HTML 10Page - STMicroelectronics VNH7040AY Datasheet HTML 11Page - STMicroelectronics VNH7040AY Datasheet HTML 12Page - STMicroelectronics VNH7040AY Datasheet HTML 13Page - STMicroelectronics VNH7040AY Datasheet HTML 14Page - STMicroelectronics VNH7040AY Datasheet HTML 15Page - STMicroelectronics VNH7040AY Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Electrical specifications
VNH7040AY
12/48
DocID028118 Rev 5
2.3
Electrical characteristics
VCC = 7 V up to 28 V; -40 °C < Tj < 150 °C, unless otherwise specified.
Table 7. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
4
28
V
IS
Supply current
Off-state standby INA = INB = PWM = 0;
SEL0,1 = 0; Tj = 25 °C; VCC = 13 V;
MultiSense_EN = 0
1
μA
Off-state standby(1);
INA = INB = PWM = 0; SEL0,1 = 0;
VCC = 13 V; Tj = 85 °C;
MultiSense_EN = 0
1
μA
Off-state standby; INA = INB = PWM = 0;
SEL0,1 = 0; VCC = 13 V; Tj = 125 °C;
MultiSense_EN = 0
3
μA
Off-state (no standby)
INA = INB = PWM = 0; SEL0,1 = 1;
MultiSense_EN = 0
24
mA
On-state: INA or INB = 5V; PWM = 1;
SEL0,1 = 0; Multisense_EN=0; No Load
3.5
6
mA
tD_STBY(2) Standby mode blanking time
VCC = 13 V;
INA = INB = MultiSense_EN = 0 V;
PWM = SEL1 = 0 V;
VSEL0 from 5 V to 0 V.
60
300
550
μs
RONHS
Static high-side resistance
IOUTx = 5 A; Tj = 25 °C
27
mΩ
IOUTx = 5 A;
Tj = - 40 °C to 150 °C
53
mΩ
VCC = 4 V; IOUT = 5 A; Tj = 25 °C
30
mΩ
RONLS
Static low-side resistance
IOUTx = 5 A; Tj = 25 °C
14
mΩ
IOUTx = 5 A;
Tj = - 40 °C to 150 °C
27
mΩ
VCC = 4 V; IOUT = 5 A; Tj = 25 °C
20
mΩ
Vf
High-side free-wheeling
diode forward voltage
IOUTx = -5 A; Tj = 150 °C
0.7
0.9
V
IL(off)
Off-State Output current of
one leg
Tj = 25 °C; VCC = 13V; VOUTA = 0 or
VOUTB = 0; INA = INB = PWM = 0
01
μA
Tj = 125°C; VCC = 13V; VOUTA = 0 or
VOUTB = 0; INA = INB = PWM = 0
03
μA
IL(off)h
Off-state output current of
one leg with other HSD on
INA = PWM = 0; INB = 5 V; VCC = 13 V;
VOUTA = 0
20
60
μA
1. Parameter guaranteed by design and characterization; not subject to production test.
2. To power on the device from standby, it is recommended to: toggle INA or INB or SEL0 or SEL1 or Multisense_EN from 0 to
1 first to come out from STBY mode; toggle PWM from 0 to 1 with a delay of 20 μs this avoids any overstress on the device
in case of existing short-to-battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com