Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 15Page - STMicroelectronics VNH7040AY Datasheet HTML 16Page - STMicroelectronics VNH7040AY Datasheet HTML 17Page - STMicroelectronics VNH7040AY Datasheet HTML 18Page - STMicroelectronics VNH7040AY Datasheet HTML 19Page - STMicroelectronics VNH7040AY Datasheet HTML 20Page - STMicroelectronics VNH7040AY Datasheet HTML 21Page - STMicroelectronics VNH7040AY Datasheet HTML 22Page - STMicroelectronics VNH7040AY Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
DocID028118 Rev 5
19/48
VNH7040AY
Electrical specifications
47
tD_CStoVCC
MultiSense transition
delay from current
sense to VCC sense
VINA = 5 V; VSENSE_EN = 5 V;
VSEL0 = 5 V; VSEL1 = 0 V to 5 V;
IOUTA = 2.5 A; RSENSE = 1 kΩ;
60
μs
tD_VCCtoCS
MultiSense transition
delay from VCC sense
to current sense
VINA = 5 V; VSENSE_EN = 5 V;
VSEL0 = 5 V; VSEL1 = 5 V to 0 V;
IOUTA = 2.5 A; RSENSE = 1 kΩ;
20
μs
tD_TCtoVCC
MultiSense transition
delay from TC sense to
VCC sense
VCC = 13 V; Tj = 125 °C;
VSENSE_EN = 5 V;
VSEL0 = 0 V to 5 V;
VSEL1 = 5 V; RSENSE = 1 kΩ;
20
μs
tD_VCCtoTC
MultiSense transition
delay from VCC sense
to TC sense
VCC = 13 V; Tj = 125 °C;
VSENSE_EN = 5 V;
VSEL0 = 5 V to 0 V;
VSEL1 = 5 V; RSENSE = 1 kΩ;
20
μs
MultiSense timings (CurrentSense mode)
tDSENSE1H
Current sense settling
time from rising edge
of VSENSE_EN
VINA = 5 V; VINB = 0 V;
VSENSE_EN = 0 V to 5 V;
RSENSE = 1 kΩ; RL = 2.6 Ω;
VPWM = 5 V; VSEL0 = 5 V;
VSEL1 = 0 V
60
μs
tDSENSE1L
Current sense disable
delay time from falling
edge of VSENSE_EN
VINA = 5 V; VINB = 0 V;
VSENSE_EN = 5 V to 0 V;
RSENSE = 1 kΩ; RL = 2.6 Ω;
VPWM = 5 V; VSEL0 = 5 V;
VSEL1 = 0 V
20
μs
MultiSense timings (chip temperature sense mode)
tDSENSE2H
VSENSE_TC setting time
from rising edge of
VSENSE_EN
VSENSE_EN = 0 V to 5 V;
VSEL0 = 0 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
60
μs
tDSENSE2L
VSENSE_TC setting time
from falling edge of
VSENSE_EN
VSENSE_EN = 5 V to 0 V;
VSEL0 = 0 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
20
μs
MultiSense timing (VCC voltage sense mode)
tDSENSE3H
VSENSE_VCC setting
time from rising edge
of VSENSE_EN
VSENSE_EN = 0 V to 5 V;
VSEL0 = 5 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
60
μs
tDSENSE3L
VSENSE_VCC setting
time from falling edge
of VSENSE_EN
VSENSE_EN = 5 V to 0 V;
VSEL0 = 5 V; VSEL1 = 5 V
RSENSE = 1 kΩ
20
μs
1. Parameter guaranteed by design and characterization; not subject to production test.
2. Transition delay are measured up to +/- 10% of final conditions.
Table 11. MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com