Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7040AY Datasheet(PDF) 35 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 31Page - STMicroelectronics VNH7040AY Datasheet HTML 32Page - STMicroelectronics VNH7040AY Datasheet HTML 33Page - STMicroelectronics VNH7040AY Datasheet HTML 34Page - STMicroelectronics VNH7040AY Datasheet HTML 35Page - STMicroelectronics VNH7040AY Datasheet HTML 36Page - STMicroelectronics VNH7040AY Datasheet HTML 37Page - STMicroelectronics VNH7040AY Datasheet HTML 38Page - STMicroelectronics VNH7040AY Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DocID028118 Rev 5
35/48
VNH7040AY
Immunity against transient electrical disturbances
47
8
Immunity against transient electrical disturbances
The immunity of the device against transient electrical emissions, conducted along the
supply lines and injected into the VCC pin, is tested in accordance with ISO7637-2:2011 (E)
and ISO 16750-2:2010.
The related function performance status classification is shown in Table 15: ISO 7637-2
electrical transient conduction along supply line.
Test pulses are applied directly to DUT (Device Under Test) both in ON and OFF-state and
in accordance to ISO 7637-2:2011(E), Section 4. The DUT is intended as the present device
only, without components and accessed through VCC and GND terminals.
Status II is defined in ISO 7637-1 Function Performance Status Classification (FPSC) as
follows: “The function does not perform as designed during the test but returns automatically
to normal operation after the test”.
Test pulse
2011(E)
Test pulse severity level
with status II functional
performance status
Minimum
number of
pulses or
test time
Burst cycle/pulse
repetition time
Pulse duration
and pulse
generator
internal
impedance
Level
US(1)
Table 15. ISO 7637-2 electrical transient conduction along supply line
1. US is the peak amplitude as defined for each test pulse in ISO 7637-2:2011(E)
min.
max.
1
III
-112 V
500 pulses
0.5 s
2 ms, 10 Ω
2a
III
+55
500 pulses
0.2 s
5 s
50 μs, 2 Ω
3a
IV
-220 V
1h
90 ms
100 ms
0.1 μs, 50 Ω
3b
IV
+150 V
1h
90 ms
100 ms
0.1 μs, 50 Ω
4(2)
2. Test pulse from ISO 7637-2:2004(E)
IV
-7 V
1 pulse
100 ms, 0.01 Ω
Load dump according to ISO 16750-2:2010
Test B(3)
3. With 40 V external suppressor referred to ground (-40 °C < TJ < 150 °C)
40 V
5 pulse
1 min
400 ms, 2 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com