Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 45 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 45 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 41Page - STMicroelectronics FDA803D-EHT Datasheet HTML 42Page - STMicroelectronics FDA803D-EHT Datasheet HTML 43Page - STMicroelectronics FDA803D-EHT Datasheet HTML 44Page - STMicroelectronics FDA803D-EHT Datasheet HTML 45Page - STMicroelectronics FDA803D-EHT Datasheet HTML 46Page - STMicroelectronics FDA803D-EHT Datasheet HTML 47Page - STMicroelectronics FDA803D-EHT Datasheet HTML 48Page - STMicroelectronics FDA803D-EHT Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
DocID031487 Rev 2
45/78
FDA803D
Diagnostic
77
11.7
Output current offset detector
Output current offset detector aim is to detect a current offset on the output.
11.7.1
Output current offset detector operation principle
The device senses the differential DC current flowing through the output pins OUTP and
OUTM. In particular, in reference to Figure 56, the measured current offset is:
IOFFSET = |IOUTP-IOUTM|/2.
Figure 56. Current offset measurement
The measured current offset is then compared with a current threshold, which can be set by
means of I2C bits IB10[4,3]: if it exceeds the chosen threshold, the device communicate that
an output current offset has been detected.
11.7.2
Result communication and I2C control
The output current offset detection consists in one single-shot test. The feature is controlled
through I2C commands.
In order to start the detection, the user must set IB3[3]='1'.
At the end of the test, the internal control logic performs the following operations:
Sets DB0[6]='1' to communicate that the test is ended and the result is valid
Sets DB0[5]='1' if an offset has been detected, or DB0[5]='0' if no offset has been
detected
Sets IB3[3]='0', allowing the user to perform another test afterwards
The detection can be start in MUTE state or in PLAY state. If the user sets IB3[3]='1' while
the device FSM state is different, the test starts as soon as the device FSM enters in MUTE
or PLAY state.
11.7.3
Hot spot detection
The output current offset detector enables the possibility to detect a soft short to Vcc or to
Gnd occurring when the PWM is already turned on, guaranteeing improved robustness
against hot spot formation.
The operation principle is shown in Figure 57:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com