Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 56 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 56 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 52Page - STMicroelectronics FDA803D-EHT Datasheet HTML 53Page - STMicroelectronics FDA803D-EHT Datasheet HTML 54Page - STMicroelectronics FDA803D-EHT Datasheet HTML 55Page - STMicroelectronics FDA803D-EHT Datasheet HTML 56Page - STMicroelectronics FDA803D-EHT Datasheet HTML 57Page - STMicroelectronics FDA803D-EHT Datasheet HTML 58Page - STMicroelectronics FDA803D-EHT Datasheet HTML 59Page - STMicroelectronics FDA803D-EHT Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
I2S bus interface
FDA803D
56/78
DocID031487 Rev 2
13.6
Group delay
The group delay depends on the sampling frequency fs, properly configured with I2C bits
IB1[7-5]. The typical value for all the configurations is reported in Table 11:
Table 11. Group delay dependency from input sampling frequency
Input sampling frequency fs
Group delay
44.1 kHz
465 μs
48 kHz
430 μs
96 kHz
50 μs
192 kHz
30 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com