Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 14 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 10Page - STMicroelectronics FDA803D-EHT Datasheet HTML 11Page - STMicroelectronics FDA803D-EHT Datasheet HTML 12Page - STMicroelectronics FDA803D-EHT Datasheet HTML 13Page - STMicroelectronics FDA803D-EHT Datasheet HTML 14Page - STMicroelectronics FDA803D-EHT Datasheet HTML 15Page - STMicroelectronics FDA803D-EHT Datasheet HTML 16Page - STMicroelectronics FDA803D-EHT Datasheet HTML 17Page - STMicroelectronics FDA803D-EHT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
Electrical specifications
FDA803D
14/78
DocID031487 Rev 2
5.3
Electrical characteristics
Vcc = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; I2C defaults, unless otherwise specified. LC
filter: L = 10 μH, C = 3.3 μF. PWM in In-phase modulation, feedback connected after the
filter.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC
Supply voltage range
RL = 4 Ω
3.3
-
18
V
RL = 2 Ω (1)
3.3
-
16
IVCC
Quiescent current
Device in Standby
-
1
5
μA
Device on (MUTE state)
-
35
-
mA
ECO MODE
-
22
-
mA
Vos
Offset voltage
Mute & Play
-10
-
+10
mV
DVDD
Digital supply voltage
range
-
3.3
-
18
V
AVDD
Analog supply voltage
range
-
3.3
-
18
V
Iop
Overcurrent protection
IB11 D5-4 = 00
9.5
11
12.5
A
IB11 D5-4 = 01
6.7
8
9.3
A
IB11 D5-4 = 10
5
6
7
A
IB11 D5-4 = 11
3
4
5
A
IAVDD
Analog current
Device on (MUTE state)
-
9
20
mA
IDVDD
Digital current
Device on (MUTE state)
-
13
20
mA
-
Overvoltage shutdown
Attenuation = 0.5 dB(2)
18.5
19.5
20.5
V
VlowM
Vcc low supply mute
threshold
Attenuation <0.5 dB
Low voltage mode (IB0D0=1)
2.7
2.9
3.3
V
Attenuation <0.5 dB
Standard mode (IB0D0=0)
4.5
4.7
5
V
VhighM
Vcc high voltage mute(2) -
18
18.9
20.3
V
UVLOVCC
Vcc supply UVLO
threshold
Standard mode (IB0D0=0)
4.4
4.6
4.8
V
Low voltage mode (IB0D0=1)
2.55
2.7
2.85
V
Tsh
Thermal shutdown
-
165
175
185
°C
Tpl
Thermal protection
junction temperature
Attenuation = 0.5 dB
150
160
170
°C
Tw1
Thermal warning
junction temperature(3)
-
-
Tpl-5
-
°C
Tw2
-
-
Tpl-15
-
°C
Tw3
-
-
Tpl-35
-
°C
Tw4
-
-
Tpl-50
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com