Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 46 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 42Page - STMicroelectronics FDA803D-EHT Datasheet HTML 43Page - STMicroelectronics FDA803D-EHT Datasheet HTML 44Page - STMicroelectronics FDA803D-EHT Datasheet HTML 45Page - STMicroelectronics FDA803D-EHT Datasheet HTML 46Page - STMicroelectronics FDA803D-EHT Datasheet HTML 47Page - STMicroelectronics FDA803D-EHT Datasheet HTML 48Page - STMicroelectronics FDA803D-EHT Datasheet HTML 49Page - STMicroelectronics FDA803D-EHT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
Diagnostic
FDA803D
46/78
DocID031487 Rev 2
Figure 57. Hot spot detection
In standard operative condition, the DC value of IOUTP and IOUTM is zero, therefore the
measured output current offset is zero.
When a soft short is connected between one output and Vcc or Gnd, the corresponding
output drives an additional current ISHORT. The device interprets half of the mentioned
current as offset: IOFFSET = |IOUTP-IOUTM|/2 = |ISHORT|/2.
In conclusion, if half of the DC current flowing in the short circuit exceeds the threshold
selected through IB10[4,3], Output Current Offset Detector communicates an offset
detection.
11.8
PWM pulse skipping detector
Pulse skipping detector aim is to detect the PWM stage saturation.
The feature detects pulse skipping when, for each output, at least two consecutive PWM
commutations have been skipped. The operation is shown in Figure 58:
Figure 58. PWM pulse skipping detector operation
In order to enable the PWM pulse skipping detector, the user must set IB5[5,4]='01'.
When detecting pulse skipping, the feature provides the output in two forms:
Enables the pull down on CDDiag pin
Sets the flag DB1[0]='1'
As soon as the pulse skipping condition is removed, both the outputs are reset.
The suggested utilization for this function is to connect a low-pass filter to CDDiag pin,
therefore comparing the output with a voltage threshold. The lower is the CDDiag pin
average voltage, the higher is the distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com