Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 17 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 13Page - STMicroelectronics FDA803D-EHT Datasheet HTML 14Page - STMicroelectronics FDA803D-EHT Datasheet HTML 15Page - STMicroelectronics FDA803D-EHT Datasheet HTML 16Page - STMicroelectronics FDA803D-EHT Datasheet HTML 17Page - STMicroelectronics FDA803D-EHT Datasheet HTML 18Page - STMicroelectronics FDA803D-EHT Datasheet HTML 19Page - STMicroelectronics FDA803D-EHT Datasheet HTML 20Page - STMicroelectronics FDA803D-EHT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
DocID031487 Rev 2
17/78
FDA803D
Electrical specifications
77
5.4
Typical curves of the main electrical parameters
Figure 4. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 4 Ω, f = 1 kHz sine wave)
Figure 5. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 4 Ω, f = 1 kHz pink noise)
Figure 6. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 2 Ω, f = 1 kHz sine wave)
Figure 7. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 2 Ω, f = 1 kHz pink noise)
Figure 8. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 8 Ω, f = 1 kHz sine wave)
Figure 9. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 8 Ω, f = 1 kHz pink noise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com