Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 61 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 61 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 57Page - STMicroelectronics FDA803D-EHT Datasheet HTML 58Page - STMicroelectronics FDA803D-EHT Datasheet HTML 59Page - STMicroelectronics FDA803D-EHT Datasheet HTML 60Page - STMicroelectronics FDA803D-EHT Datasheet HTML 61Page - STMicroelectronics FDA803D-EHT Datasheet HTML 62Page - STMicroelectronics FDA803D-EHT Datasheet HTML 63Page - STMicroelectronics FDA803D-EHT Datasheet HTML 64Page - STMicroelectronics FDA803D-EHT Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
DocID031487 Rev 2
61/78
FDA803D
I2C bus interface
77
14.8
I2S, I2C and Enable relationship
FDA803D provides both I2C and I2S communication by means of two different digital
interfaces but connected to each other interfaces and clock domains.
To program the I2C interface the I2S clock must be present, and at least 10 ms should have
passed from the Enable pins setting event.
In FDA803D the digital part has different clock domains:
The I2C programming block clock is the I2C clock
The I2S receiver clock which is the I2S clock
The system clock which is generated by an internal PLL.
The I2C commands are not effective if I2S clock is not present. However they will remain
memorized inside I2C registers.
If I2S clock is lost the digital machine goes in standby.
I2S clock (SCK) should be given to device before enabling it (Enable pins set to ‘out of
standby’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com