Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 47 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 47 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 43Page - STMicroelectronics FDA803D-EHT Datasheet HTML 44Page - STMicroelectronics FDA803D-EHT Datasheet HTML 45Page - STMicroelectronics FDA803D-EHT Datasheet HTML 46Page - STMicroelectronics FDA803D-EHT Datasheet HTML 47Page - STMicroelectronics FDA803D-EHT Datasheet HTML 48Page - STMicroelectronics FDA803D-EHT Datasheet HTML 49Page - STMicroelectronics FDA803D-EHT Datasheet HTML 50Page - STMicroelectronics FDA803D-EHT Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
DocID031487 Rev 2
47/78
FDA803D
Diagnostic
77
11.9
Thermal protection
The device integrates different protection levels against over-temperature conditions.
The first protection level consists only in communicating if the temperature exceeds four
different thresholds, from TW4 to TW1. The result is provided in two ways:
Setting DB1[7-4];
Pulling down the CDDiag pin, coherently with the setting of IB4[6-4].
If needed, the user is in charge of taking proper actions to counteract the temperature rising.
The second protection level consists in the output signal attenuation as a function of the
temperature, in order to reduce the power dissipation. The thermal attenuation occurs in the
temperature range between Tpl and Tph, as shown in Figure 59.
The third level protection consists in switching off the power stage when the temperature
overpasses the Tsh value. As shown in Figure 2, after thermal shutdown triggering, the
device FSM enters in "Short to Vcc / Gnd diagnostic state", preventing subsequent power
stage turn on in case of shorts to battery or ground.
The temperature values TW4, TW3, TW2, TW1, Tpl, Tph, Tsh are always in tracking,
independently of the parameters spread. If the user sets the I2C bit IB12[7], all the
mentioned thresholds are reduced of 15°C.
Figure 59. Thermal attenuation curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com