Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 16 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 12Page - STMicroelectronics FDA803D-EHT Datasheet HTML 13Page - STMicroelectronics FDA803D-EHT Datasheet HTML 14Page - STMicroelectronics FDA803D-EHT Datasheet HTML 15Page - STMicroelectronics FDA803D-EHT Datasheet HTML 16Page - STMicroelectronics FDA803D-EHT Datasheet HTML 17Page - STMicroelectronics FDA803D-EHT Datasheet HTML 18Page - STMicroelectronics FDA803D-EHT Datasheet HTML 19Page - STMicroelectronics FDA803D-EHT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
Electrical specifications
FDA803D
16/78
DocID031487 Rev 2
I2S bus interface
VIL-I2S
I2S pins low voltage
-
-
-
0.8
V
IL
Input logic current, low
VI = 0 V
-
-
500
nA
VIH-I2S
I2S pins high voltage
-
1.3
-
-
V
IH
Input logic current, high
VI = TBD
-
-
500
nA
Control pins characteristics
VENL
Enable pins low voltage -
-
-
0.9
V
VENH
Enable pins high voltage -
2.4
-
-
V
Clipping and offset detector
CDTHD
Clip det THD (6)
THD @ 100 Hz with average
Vclipdet = 2 V
57
9
%
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
150
300
mV
CDLK
Clip det leakage current CD pin at 3.6 V
-
-
15
μA
Vofflin
Input DC offset
detection threshold
Theshold at which an offset present at inputs
is detected
-
-18
-
dB
Voffout
Output DC offset
detection threshold(7)
Input high pass filter disable
±1.4
±2
±2.6
V
1. If outphase modulation selected, slow slope configuration must be used (IB11,D3)
2. Parameter values based on bench measurements (guaranteed by correlation with overvoltage shutdown).
3. The thermal warnings are always in tracking.
4. When selecting the low gain, also the thresholds for "DC diagnostic" function and "Open load in play detector" function
scale of the same factor with respect to standard gain configuration.
5. See Chapter 8: Muting function architecture for more details.
6. Guaranteed by correlation.
7. Measured at bench during product validation.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com