Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D-EHT Datasheet(PDF) 29 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 25Page - STMicroelectronics FDA803D-EHT Datasheet HTML 26Page - STMicroelectronics FDA803D-EHT Datasheet HTML 27Page - STMicroelectronics FDA803D-EHT Datasheet HTML 28Page - STMicroelectronics FDA803D-EHT Datasheet HTML 29Page - STMicroelectronics FDA803D-EHT Datasheet HTML 30Page - STMicroelectronics FDA803D-EHT Datasheet HTML 31Page - STMicroelectronics FDA803D-EHT Datasheet HTML 32Page - STMicroelectronics FDA803D-EHT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
DocID031487 Rev 2
29/78
FDA803D
Muting function architecture
77
8
Muting function architecture
FDA803D uses a mixed signal approach for muting function.
Muting function is activated by different "mute command signal":
“High voltage mute”: active when Vcc enters in a voltage window over the max voltage;
the window is specified in the electrical parameters table.
“Low Battery mute”: active when Vcc enters in a voltage window under the min voltage;
the window is specified in the electrical parameters table.
“Hardware mute”: active when HWMute pin enters in the voltage window specified in
the electrical parameters table.
Thermal mute”: active when temperature enters in the temperature window over the
max temperature; the window is specified in the electrical parameters table.
“I2C Mute”: active user select mute/play I2C bits.
The mute is achieved by the combination of two separated actuators, “Analog-mute” and
“Digital-mute”.
8.1
Command dependence
Analog and digital mute actuators activation could be different based on the mute command
signal. This is described in the following table:
Table 7. Command dependence
Command signal
When?
Mute
Unmute
Low Battery mute
When Vcc enters inside
the low battery mute
window
Mixed mute. Analog &
Digital, at the same
time (1)
1. User can decide to disable Digital-Mute/Unmute using bit IB13-d6; in this case in all the conditions, (except
I2C Mute), the Mute/Unmute will be purely Analog.
Digital (1)
High Voltage mute
When Vcc enters inside
the high voltage mute
window
Mixed mute. Analog &
Digital, at the same
time (1)
Digital (1)
Thermal Mute
When temperature
enters inside thermal
mute window
Analog
Analog
Hardware Mute
When hardware pin
voltage enters inside its
mute window
Mixed mute. Analog &
Digital, at the same
time(1)
Digital (1)
I2C Mute
When I2C mute bits are
selected
Digital
Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com