Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 139 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 135Page - STMicroelectronics L9788 Datasheet HTML 136Page - STMicroelectronics L9788 Datasheet HTML 137Page - STMicroelectronics L9788 Datasheet HTML 138Page - STMicroelectronics L9788 Datasheet HTML 139Page - STMicroelectronics L9788 Datasheet HTML 140Page - STMicroelectronics L9788 Datasheet HTML 141Page - STMicroelectronics L9788 Datasheet HTML 142Page - STMicroelectronics L9788 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 264 page
background image
DS12308 Rev 4
139/264
L9788
Inductive sensor interface
263
11.2.3
VRS_A - Fully Adaptive Hysteresis
To set the adaptive hysteresis on VRS_A configuration, bit VRS_MODE[0] has to be set to
'1'. In this configuration, VRS input differential signal is fed into a peak detector circuit and
then quantized on 5 different voltage levels, based on 4 PVi thresholds (see Table 59).
Default hysteresis current after exiting reset is HI3.
The quantized output is sent to a logic block (Hysteresis Selection Table) that chooses the
proper hysteresis value (HIi) depending on the input peak voltage (PVi), see Table 60.
Peak detector and Hysteresis Selection Table circuits are enabled by VRS_FB signal
according to HYS_FB_SEL in CONFIG-REG 8 bit value that establishes if the feedback
signal is before or after the filter time.
VRS input differential voltage is continuously acquired: its max value, reached during time-
frame VRS_FB signal is asserted (hysteresis current is off), is latched through a peak
detector; such a peak defines a specific value of hysteresis current, turned on as soon as
the VRS_FB falls to zero and switches OFF when next rising edge occurs.
Based on the hysteresis current, the signal is processed by a squaring circuit which
processes the output signal of the comparator, see Figure 58.
Table 59. Peak voltage value ranges
Peak voltage [PVi]
Min
Typ
Max
Unit
PV1
600
930
1300
mV
PV2
1200
1600
1950
mV
PV3
2000
2300
2650
mV
PV4
2600
3000
3300
mV
Table 60. Insert title here
Input peak voltage range
Selected hysteresis (HIi)
0 - PV1
HI1
PV1 – PV2
HI2
PV2 – PV3
HI3
PV3 – PV4
HI4
> PV4
HI5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com