Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 141 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 137Page - STMicroelectronics L9788 Datasheet HTML 138Page - STMicroelectronics L9788 Datasheet HTML 139Page - STMicroelectronics L9788 Datasheet HTML 140Page - STMicroelectronics L9788 Datasheet HTML 141Page - STMicroelectronics L9788 Datasheet HTML 142Page - STMicroelectronics L9788 Datasheet HTML 143Page - STMicroelectronics L9788 Datasheet HTML 144Page - STMicroelectronics L9788 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 264 page
background image
DS12308 Rev 4
141/264
L9788
Inductive sensor interface
263
Figure 59. EN_FALLING_FILT = 1
Figure 60. EN_FALLING_FILT = 0
11.2.5
VRS_B - Manual Hysteresis
To set the manual hysteresis on VRS_B configuration, bit VRS_MODE [0] has to be set to
'0'. Hysteresis value is manually set through VRS_HYST [2:0] of CONFIG-REG 8 according
to Table 58 Such hysteresis is fixed until a new SPI programming occurs.
Once a new value is defined, new hysteresis threshold is applied after the second VRS_FB
H-L transition and until the next rising edge of the VRS input differential voltage occurs.
11.2.6
VRS_B -Limited Adaptive Hysteresis
To set the limited adaptive hysteresis on VRS_B configuration, bit VRS_MODE [0] has to be
set to '1'. In this mode, user programs a hysteresis threshold through VRS_HYST [2:0] bit in
VRS register and the internal logic selects a hysteresis based on input signal peak value:
the maximum of these two values is actually applied.
Once a new value is defined, new hysteresis threshold is applied after the second VRS_FB
H-L transition and until the next rising edge of the VRS input differential voltage occurs.
11.2.7
VRS_B - Fixed Filter Time
In VRS_B configuration, it is possible to enable the filter time on the output of the zero
crossing comparator through the bit VRS_MODE[1] of VRS register. This configuration
allows defining the internal filter time at a fixed value of 4 µs, active on both rising and falling
edges of VRS output.
GADG0612161235PS
Vdiff
VRScomp_filt
FILTER TIME
GADG0612161240PS
Vdiff
VRScomp_filt
MASK TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com