Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 142 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 138Page - STMicroelectronics L9788 Datasheet HTML 139Page - STMicroelectronics L9788 Datasheet HTML 140Page - STMicroelectronics L9788 Datasheet HTML 141Page - STMicroelectronics L9788 Datasheet HTML 142Page - STMicroelectronics L9788 Datasheet HTML 143Page - STMicroelectronics L9788 Datasheet HTML 144Page - STMicroelectronics L9788 Datasheet HTML 145Page - STMicroelectronics L9788 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 264 page
background image
Inductive sensor interface
L9788
142/264
DS12308 Rev 4
As per VRS_A architecture, EN_FALLING_FILT allows configuring the same two different
strategies for the filtering algorithm.
11.3
VRS diagnostic mode
The diagnostic mode is selected through VRS_DIAG = '1' in CONFIG-REG8. This mode
provides feedback to detect faulty conditions either on FLW_IN_P or FLW_IN_N.
To be noted that diagnostic results are not reliable while the flying wheel is rotating.
If a fault is detected in DIAG mode, VRS correct functionality is not guaranteed. Fault bit
VRS_DIAG of VRS register is consequently set.
Figure 61 shows the circuit used ikn Diagnostic mode. When VRS diagnostic mode is
activated, FLW_IN_P is fixed at Vcm_DIAG and IDIAG current generator is enabled, the
current path is that one in green in Figure 61.
Figure 61. VRS block diagram - Diagnostic operating mode - Current path
11.4
Application circuit
Sensor sketch and parameters are reported in Figure 62 and Table 61.
Figure 62. Sensor sketch
FLW_IN_N
FLW_IN_P
VRS_HYST_FB
MSC
Filter Time
HYSTERESIS
SELECTOR
SENSOR
VRS
LIMITED / FULLY
ADAPTIVE
MANUAL
VRS_CONF_
MODE_1
FLW_OUT
VRS_FB
GADG0612161457PS
Vcm_DIAG
VRS_DIAG=1
I_DIAG
DIAG
GAPGPS00571
IN +
VRS
IN -
Rs
Ls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com