Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 171 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 167Page - STMicroelectronics L9788 Datasheet HTML 168Page - STMicroelectronics L9788 Datasheet HTML 169Page - STMicroelectronics L9788 Datasheet HTML 170Page - STMicroelectronics L9788 Datasheet HTML 171Page - STMicroelectronics L9788 Datasheet HTML 172Page - STMicroelectronics L9788 Datasheet HTML 173Page - STMicroelectronics L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 264 page
background image
DS12308 Rev 4
171/264
L9788
Built in self test
263
14
Built in self test
14.1
Power supply independency and voltage monitors
In order to guarantee independence between monitor functions of the L9788 and monitored
functions of the same L9788 two independent band-gap references are used; a simple field
of application of this concept is the under/over voltage detection of MCU power supply
generated by the same L9788.
The basic schematic of the band-gap used to generate the main function and of the band-
gap used to monitor it, including their own supply architecture, is shown in Figure 79.
Two band-gaps VBG1 and VBG2 are generated starting from protected battery line: VBG1
is used as reference voltage to generate internal analog and digital supply lines and to
generate external power supply voltages; VBG2 is used as reference for the uv/ov monitors
of these supplies.
The concept to guarantee independence between the two references is that both of them
have independent supply and ground architectures to ensure that a single point failure in
one of the two structures will not affect the other; independence is achieved by means of
physical isolation between the two band-gaps and their supply circuits (A and B areas),
isolation is done layouting the circuits in different floor plan areas and by usage of deep
trench isolation in between.
Figure 79. Band-gap supply architecture
A cross-referenced monitor is used to detect eventual failures in any of the band-gap supply
and enter a safe state: VBG1 is used as reference for the monitor of the supply of VBG2 and
VBG2 is used as monitor of the supply of VBG1.
The concept is needed to solve dependencies of band-gap voltage from the supply line: let
us suppose that V3V3PRE_mon in the above picture has a fault impacting VBG2 voltage
reference, since V3V3PRE_mon is also the supply for monitor circuits a failure in this region
-
+
-
+
V3V3PRE
VDD2V7
VDD2V7
monitor
monitor
VINT3V3
VINT3V3
monitor
V3V3PRE
(monitor)
VBG2
GND_ANA_2
GND_ANA_1
(reference)
VBG1
V3V3PRE_mon
V3V3PRE_mon
monitor
VBatt
VChargePump
ANALOG blocks
DIGITAL blocks
GND_DIG
VDD2V7
VINT3V3
GADG1212161531PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com