Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 172 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 168Page - STMicroelectronics L9788 Datasheet HTML 169Page - STMicroelectronics L9788 Datasheet HTML 170Page - STMicroelectronics L9788 Datasheet HTML 171Page - STMicroelectronics L9788 Datasheet HTML 172Page - STMicroelectronics L9788 Datasheet HTML 173Page - STMicroelectronics L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 264 page
background image
Built in self test
L9788
172/264
DS12308 Rev 4
will cause the loss of monitor functionality with an undetected latent fault; the insertion of a
monitor supplied from V3V3PRE and referenced to VBG1 allows the detection of this latent.
The same concept applies on the vice-versa.
The remaining common points of the internal architecture can be summarized as:
protected battery line,
charge pump supply,
V3V3PRE_mon monitor input (netA),
V3V3PRE monitor input (netB)
The above points can be tolerated because:
Protected battery line is the main supply of the L9788, used to generate supply for
analog and digital core. All the circuits connected to this rail are capable of high voltage
operation, in case the connection is lost no logic supply can be generated and the
device will be stuck in reset condition.
Charge pump is used to guarantee proper functionality during battery cranking only
and is useless in normal mode. All the circuits connected to this line are capable of high
voltage, in case the line is open it can be detected by dedicated monitor (not shown
here) during normal operation or at power-up of the device.
In case netA is shorted to ground there is fault detection while short to supply line is
normal condition, short to VBG1 through V3V3PRE_mon monitor inputs is not possible
since the inputs are cascaded; in case a double fault is present (shorted cascade) it will
cause an increase in analog and digital supply lines (VINT3V3 and VDD2V7) detected
by their monitors using VBG2 reference and triggering safety switch-off path for safety
relevant outputs.
In case netB is shorted to ground there is fault detection while short to supply line is
normal condition, short to VBG2 through V3V3PRE monitor inputs is not possible since
the inputs are cascaded; in case a double fault is present (shorted cascade) it will
cause a failure on the monitor circuit only, without affecting normal functionality until a
third fault occurs.
14.2
Analog comparators BIST
For all the safety relevant monitors a self test is implemented to verify that the comparator
can detect a variation of the monitored signal applied at its input. The basic implementation
scheme is shown in Figure 80: comparator inputs are choppered by a diagnostic clock and
the output of the comparator is xored with diagnostic clock itself: if the comparator is not
able to toggle due to fault condition (internal or external) its output will start toggling
following diagnostic clock and causing a self test failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com