Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 174 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 170Page - STMicroelectronics L9788 Datasheet HTML 171Page - STMicroelectronics L9788 Datasheet HTML 172Page - STMicroelectronics L9788 Datasheet HTML 173Page - STMicroelectronics L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics L9788 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 264 page
background image
Stand-by memory
L9788
174/264
DS12308 Rev 4
15
Stand-by memory
This memory is a general purpose memory registers array for microcontroller-data which is
supposed to be saved during standby when ECU is switched off. Intention is to reduce the
number of write cycles in microcontroller-flash.
In case of standby-power-supply failure the data is no longer valid. This condition can be
detected reading flag VB_STBY_UV MSC_READ13.FRAME2[0].
As long as the standby-power-supply is valid, no data is lost.
There are 15 memory-registers which can be used for application data. The 16th register is
an address-register which cannot be used for application data.
Before writing application data into one of the memory-registers, the address of the
memory-register must be written into the address-register with the STBY_NVM_ADD_REG
command.
After setting the address a STBY_NVM_ADD_REG command can write the corresponding
array byte.
Using the STBY_NVM_ADD_REG command and thus updating the address-register is not
necessary in case the previously written address is still correct, e.g. when application writes
consecutively to the same register.
The memory-register-addresses can have values from 0 to 14. Value 15 is not used for write
commands. This means STBY_NVM_ADD_REG commands will have no effect when
writing to address 15.
The application data is written with mentioned STBY_NVM_ADD_REG command which
writes one byte (8bit) of application data into the memory-register. To write more than one
register, STBY_NVM_ADD_REG and STBY_NVM_ADD_REG sequences are necessary.
As the other registers above, the upstream reading of the registers is not done register-wise
but in blocks of four registers. MEM_REG1 … 4, MEM_REG5 … 8, MEM_REG9 … 12 and
MEM_REG13 … 15 are grouped in the four upstream blocks of Read16.
The address-register MEM_ADR_REG16 is located at the end of the memory and is the
16th register. As mentioned, it cannot be used for application data. It is the fourth byte of the
upstream Read16 and can be read back with a read command for this block.
Before upstream-reading, the register-address must be set with the
STBY_NVM_ADD_REG command. If the previously written address is already the correct
one, the STBY_NVM_ADD_REG command is not necessary.
For upstream reading of the MEM_REGx and MEM_ADR_REG16 registers, the command
RD_COMMAND16 is used. The RD_COMMAND16 command is the same for all four
upstream blocks as the block to be read is defined via the address-register. The read-
command will not only read the addressed register, but will read the complete four-byte
upstream-block which contains the addressed register.
The STBY_NVM_ADD_REG command allows to write a MEM_VALID bit (D6) that can be
set to 1 by the microcontroller to signal that the memory has been written and validated
reading back data. If standby-power-supply is removed MEM_VALID bit is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com