Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 11Page - Monolithic Power Systems MP4572 Datasheet HTML 12Page - Monolithic Power Systems MP4572 Datasheet HTML 13Page - Monolithic Power Systems MP4572 Datasheet HTML 14Page - Monolithic Power Systems MP4572 Datasheet HTML 15Page - Monolithic Power Systems MP4572 Datasheet HTML 16Page - Monolithic Power Systems MP4572 Datasheet HTML 17Page - Monolithic Power Systems MP4572 Datasheet HTML 18Page - Monolithic Power Systems MP4572 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
15
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 24V, VOUT = 5V, L = 15µH, fSW = 400kHz, TA = 25°C, unless otherwise noted.
Start-Up through Input Voltage
IOUT = 0A, AAM
Start-Up through Input Voltage
IOUT = 0A, CCM
CH3: VIN
10V/div.
CH2: VOUT
2V/div.
CH1: VSW
20V/div.
CH4: IL
500mA/div.
CH3: VIN
10V/div.
CH2: VOUT
2V/div.
CH4: IL
500mA/div.
CH1: VSW
20V/div.
1ms/div.
1ms/div.
Start-Up through Input Voltage
IOUT = 2A
Shutdown through Input Voltage
IOUT = 0A, AAM
CH3: VIN
10V/div.
CH2: VOUT
2V/div.
CH4: IL
2A/div.
CH1: VSW
20V/div.
CH3: VIN
10V/div.
CH2: VOUT
2V/div.
CH1: VSW
10V/div.
CH4: IL
500mA/div.
1ms/div.
20ms/div.
Shutdown through Input Voltage
IOUT = 0A, CCM
Shutdown through Input Voltage
IOUT = 2A
CH3: VIN
10V/div.
CH2: VOUT
2V/div.
CH4: IL
500mA/div.
CH1: VSW
20V/div.
CH3: VIN
10V/div.
CH2: VOUT
2V/div.
CH4: IL
2A/div.
CH1: VSW
20V/div.
10ms/div.
10ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com