Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4572 Datasheet HTML 1Page - Monolithic Power Systems MP4572 Datasheet HTML 2Page - Monolithic Power Systems MP4572 Datasheet HTML 3Page - Monolithic Power Systems MP4572 Datasheet HTML 4Page - Monolithic Power Systems MP4572 Datasheet HTML 5Page - Monolithic Power Systems MP4572 Datasheet HTML 6Page - Monolithic Power Systems MP4572 Datasheet HTML 7Page - Monolithic Power Systems MP4572 Datasheet HTML 8Page - Monolithic Power Systems MP4572 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
2
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION
FREQ
IN
VCC
4.5V to 60V
BST
SW
MP4572
EN
EN
VIN
VOUT
GND
FB
GND
GND
CCM/
SYNCO
PG
PG
Efficiency vs. Load Current
VOUT = 5V, L = 15
μH, fSW = 400kHz, AAM
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Vin=48V
VIN=60V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com