Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 18Page - Monolithic Power Systems MP4572 Datasheet HTML 19Page - Monolithic Power Systems MP4572 Datasheet HTML 20Page - Monolithic Power Systems MP4572 Datasheet HTML 21Page - Monolithic Power Systems MP4572 Datasheet HTML 22Page - Monolithic Power Systems MP4572 Datasheet HTML 23Page - Monolithic Power Systems MP4572 Datasheet HTML 24Page - Monolithic Power Systems MP4572 Datasheet HTML 25Page - Monolithic Power Systems MP4572 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
22
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
that is compatible with popular logic devices.
Positive logic indicates that when the input voltage
exceeds
the
under-voltage
lockout
(UVLO)
threshold (about 4.0V), the converter is enabled by
pulling the EN pin above 1.45V. Drive the EN pin
below 1.12V to disable the MP4572. An internal
resistor (REN) from EN to GND allows EN to be
floated to shut down the chip (REN = 2.8MΩ when
EN is on; REN = 1.8MΩ when EN is off).
SYNCO
The MP4572 has a SYNCO pin. During start-up,
SYNCO stays low and quickly outputs a 180°
phase-shift clock to the internal oscillator once
soft start is ready. Note that the falling edge of
SYNCO is a 180° phase-shift to the rising edge
of the internal oscillator. This function allows two
devices to operate in the same frequency, but 180°
out of phase, which reduces the total input current
ripple. This allows a smaller input bypass capacitor
to be used.
Internal Regulator
A 4.9V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN exceeds
4.9V, the output of the regulator is in full
regulation. Lower VIN values result in lower output
voltages. The regulator is enabled when VIN
exceeds
its
under-voltage
lockout
(UVLO)
threshold and EN is high. In EN shutdown mode,
the internal VCC regulator is disabled to reduce
power dissipation.
Configurable Frequency and Foldback
The oscillating frequency (fSW) of the MP4572 is
configured by an external frequency resistor. The
frequency resistor should be located between
FREQ pin and GND, as close as possible to the
device. Select a proper RFREQ, calculated with
Equation (1):
(kHz)
f
30
M
R
SW
FREQ
)
Ω
(
(1)
The calculated resistance may need fine-tuning
with a bench test.
It is not possible to use a high fSW with a high VIN,
since the minimum on time required for the HS-
FET
is
limited.
The
MP4572
control
loop
automatically sets the maximum possible fSW up to
the set frequency, which also reduces excessive
power loss in the IC. VOUT is regulated by varying
the duration of the switch-off time of the HS-FET,
which results in an automatic reduction of fSW.
Compliance with the minimum on time of the HS-
FET is guaranteed. An advantage of this method is
that the device works at the desired fSW as long as
possible, and a correction is only made at high VIN.
For the Switching Frequency vs. VIN curve, see the
Typical Performance Characteristics section on
page 12, where RFREQ equals 12.1kΩ.
Internal Soft Start
To avoid overshoot during start-up, the MP4572
has built-in soft start (SS) that ramps up the
output voltage at a controlled slew rate when the
EN pin goes high. When the SS voltage (VSS) is
below the internal reference (VREF), VSS overrides
VREF as the error amplifier reference. When VSS
exceeds VREF, VREF acts as the reference. At this
point, soft start finishes and the MP4572 enters
steady-state.
The SS time is internally set to 0.45ms. When the
output voltage is shorted to GND, the feedback
voltage is pulled low and VSS is discharged. The
part initiates soft start again when it returns to a
normal state.
Pre-Biased Start-Up
If VFB exceeds VSS during start-up, that means
the output has a pre-biased voltage. Neither the
HS-FET nor LS-FET turns on until VSS exceeds
VFB. Note that the pre-biased capability is only
available when the device is set to AAM.
Power Good (PG) Indicator
The MP4572 has power good (PG) indication.
The PG pin is the open drain of a MOSFET. It
should be connected to a voltage source through
a resistor (e.g. 100k
Ω). In the presence of an
input voltage, the MOSFET turns on so that the
PG pin is pulled to GND before soft start is ready.
PG goes high if the output voltage is between
90% and 108% of the nominal voltage after a
70
μs delay. PG goes low when the output
voltage is above 116% or below 94% of the
nominal voltage after a 25
μs delay.
Under-Voltage Lockout Protection (UVLO)
The MP4572 has input under-voltage lockout
protection (UVLO) to ensure reliable output
power. Assuming EN is active, the MP4572 is
powered on when the input voltage exceeds the
UVLO rising threshold. The device is powered off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com