Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 8Page - Monolithic Power Systems MP4572 Datasheet HTML 9Page - Monolithic Power Systems MP4572 Datasheet HTML 10Page - Monolithic Power Systems MP4572 Datasheet HTML 11Page - Monolithic Power Systems MP4572 Datasheet HTML 12Page - Monolithic Power Systems MP4572 Datasheet HTML 13Page - Monolithic Power Systems MP4572 Datasheet HTML 14Page - Monolithic Power Systems MP4572 Datasheet HTML 15Page - Monolithic Power Systems MP4572 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
12
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 24V, VOUT = 5V, L = 15µH, fSW = 400kHz, AAM, TA = 25°C, unless otherwise noted.
Load Regulation
Line Regulation
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
10
100
1000
LOAD CURRENT (mA)
Vin=8V
Vin=12V
Vin=24V
Vin=36V
Vin=48V
Vin=60V
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
5
10 15 20 25 30 35 40 45 50 55 60
VIN (V)
Io=0.5A
Io=1A
Io=2A
Dropout vs. Input Voltage
Case Temp Rise vs. Load Current
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
VIN (V)
Io=0.1A
Io=0.5A
Io=1A
Io=2A
0
10
20
30
40
50
60
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
IOUT (A)
Vin=12V
Vin=24V
Vin=60V
Switching Frequency vs. RFREQ
Switching Frequency vs. VIN
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
10
20
30
40
50
60
70
80
90 100
RFREQ (kΩ)
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
5
10 15 20 25 30 35 40 45 50 55 60
VIN (V)
Rfreq=76.8k
Rfreq=12.1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com