Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 22Page - Monolithic Power Systems MP4572 Datasheet HTML 23Page - Monolithic Power Systems MP4572 Datasheet HTML 24Page - Monolithic Power Systems MP4572 Datasheet HTML 25Page - Monolithic Power Systems MP4572 Datasheet HTML 26Page - Monolithic Power Systems MP4572 Datasheet HTML 27Page - Monolithic Power Systems MP4572 Datasheet HTML 28Page - Monolithic Power Systems MP4572 Datasheet HTML 29Page - Monolithic Power Systems MP4572 Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
26
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider connected to the FB
pin sets the output voltage (see the Typical
Application Circuits on page 28). The feedback
resistor (R1) must account for both stability and
dynamic response, so it cannot be too large or
too small. Choose an R1 value of about 40k
Ω.
R2 is then estimated with Equation (2):
OUT
R1
R2
V
1
0.8
(2)
Figure
4
shows
the
recommended
T-type
feedback network.
R1
R2
VOUT
FB
MP4572
R3
5
Figure 4: Feedback Network
R3 + R1 is used to set the loop bandwidth. A
higher R3 + R1 indicates a lower bandwidth. To
ensure loop stability, it is strongly recommended
to limit the bandwidth between 1/10 of the
switching frequency and 100kHz.
The calculated resistance may need fine-tuning
via bench testing. Table 1 lists the recommended
feedback divider resistor values for common
output voltages. Use check loop analysis before
using the device in an application, and change
the resistance of R3 for loop stability if necessary.
Table 1: Resistor Values for Typical VOUT
VOUT (V)
R1 (kΩ)
R2 (kΩ)
3.3
41.2
13
5.0
41.2
7.68
Selecting the Inductor
The inductor must supply constant current to the
output load while being driven by the switching
input voltage. For the highest efficiency, choose
an inductor with a low DC resistance. High
inductance will result in less ripple current and
lower output ripple voltage. However, a larger
inductance value results in a physically larger
inductor, higher series resistance, and lower
saturation current.
A good rule to determine the ideal inductance
value is to make the inductor ripple current about
30% of the maximum load current. Ensure that
the peak inductor current is below the device
peak current limit. The inductance value can be
calculated with Equation (3):
 

OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
(3)
Where
ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. Calculate
the peak inductor current with Equation (4):
 
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2f
L
V
(4)
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
the AC current to the converter while maintaining
the DC input voltage. Use low-ESR capacitors for
the best performance. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
strongly
recommended because of their low ESR and
small temperature coefficients. Other capacitors,
such as Y5V and Z5U, should not be used since
they lose too much capacitance with frequency,
temperature, and bias voltage.
Place the input capacitors as close to the IN pin
as possible. For most applications, a 22µF
capacitor is sufficient. For higher output voltages,
use a
47μF capacitor to improve system stability.
To maintain a small solution size, choose a
properly sized capacitor that has a voltage rating
compliant with the input spec.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating that should exceed
the converter’s
maximum input ripple current. The input ripple
current can be estimated with Equation (5):
 
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com