Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 19Page - Monolithic Power Systems MP4572 Datasheet HTML 20Page - Monolithic Power Systems MP4572 Datasheet HTML 21Page - Monolithic Power Systems MP4572 Datasheet HTML 22Page - Monolithic Power Systems MP4572 Datasheet HTML 23Page - Monolithic Power Systems MP4572 Datasheet HTML 24Page - Monolithic Power Systems MP4572 Datasheet HTML 25Page - Monolithic Power Systems MP4572 Datasheet HTML 26Page - Monolithic Power Systems MP4572 Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
23
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
when the input voltage drops below the UVLO
falling threshold. This function prevents the
device from operating at an insufficient voltage. It
is a non-latch protection.
Over-Current Protection (OCP)
The MP4572 has a 3.5A peak current limit. Once
the inductor current reaches the current limit, the
HS-FET turns off immediately. Then the LS-FET
turns on to discharge the energy, and the
inductor current decreases. The HS-FET does
not turn on again until the inductor current drops
below the current threshold (the valley current
limit). This protection prevents the inductor
current from running away and damaging the
components.
Short-Circuit Protection (SCP)
When
a
short-circuit
condition
occurs,
the
MP4572 immediately reaches its current limit.
Meanwhile, the output voltage drops until VFB
falls below 50% of VREF. The device considers
this an output dead short, and triggers hiccup
short-circuit
protection
(SCP)
mode
to
periodically restart the part.
In hiccup mode, the MP4572 disables its output
power stage, slowly discharges the soft-start
capacitor, then initiates a soft start. If the short-
circuit condition remains after soft start ends, the
device repeats this operation until the short
circuit disappears and the output returns to the
regulation level. This protection mode greatly
reduces the average short-circuit current to
alleviate thermal issues and protect the regulator.
Negative Current Protection
The MP4572 has a -1.3A negative current limit.
Once the inductor current reaches the current
limit, the LS-FET immediately turns off and the
HS-FET turns on. The current limit prevents the
negative current from dropping too low and
damaging the components.
Thermal Shutdown
For thermal protection, the MP4572 monitors the
IC temperature internally. This function prevents
the chip from operating at exceedingly high
temperatures.
If
the
junction
temperature
exceeds the threshold value (about 170°C), it
shuts down the whole chip. This is a non-latch
protection. There is a 25°C hysteresis. Once the
junction temperature drops to about 145°C, the
device resumes operation by initiating a soft
start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com